전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NB3L204K 데이터시트(PDF) 12 Page - ON Semiconductor

부품명 NB3L204K
상세설명  Differential 1:4 HCSL Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L204K 데이터시트(HTML) 12 Page - ON Semiconductor

Back Button NB3L204K_17 Datasheet HTML 6Page - ON Semiconductor NB3L204K_17 Datasheet HTML 7Page - ON Semiconductor NB3L204K_17 Datasheet HTML 8Page - ON Semiconductor NB3L204K_17 Datasheet HTML 9Page - ON Semiconductor NB3L204K_17 Datasheet HTML 10Page - ON Semiconductor NB3L204K_17 Datasheet HTML 11Page - ON Semiconductor NB3L204K_17 Datasheet HTML 12Page - ON Semiconductor NB3L204K_17 Datasheet HTML 13Page - ON Semiconductor NB3L204K_17 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NB3L204K
www.onsemi.com
12
TPeriod
High Duty Cycle%
Low Duty Cycle%
Skew measurement point
0.000 V
Figure 15. Differential (CLOCK – CLOCK#) Measurement Points (Tperiod, Duty Cycle)
Crossing Point (mV)
Vhigh Average (mV)
Equ 1: Vcross(rel) Max = 0.550 − 0.5(0.7 − Vhigh avg)
Equ 2: Vcross(rel) Min = 0.250 + 0.5(Vhigh avg − 0.7)
For Vhigh < 700mV
Use Equ. 1
For Vhigh > 700mV
Use Equ. 2
Figure 16. Vcross Range Clarification (Note 40)
40.The picture above illustrates the effect of Vhigh above and below 700 mV on the Vcross range. The purpose of this is to prevent a 250 mV
Vcross with an 850 mV Vhigh. In addition, this prevents the case of a 550 mV Vcross with a 660 mV Vhigh. The actual specification for Vcross
is dependent upon the measured amplitude of Vhigh.
Vcross(rel) Max
Vcross(rel) Min
550
500
450
400
350
300
250
200
625
650
675
700
725
750
775
800
825
850


유사한 부품 번호 - NB3L204K_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NB3L204KMNG ONSEMI-NB3L204KMNG Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L204KMNTXG ONSEMI-NB3L204KMNTXG Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results

유사한 설명 - NB3L204K_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
   1-to-12, Differential HCSL Fanout Buffer
10/21/15
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
   1-to-12, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com