전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESUC0480 데이터시트(PDF) 6 Page - celduc-relais

부품명 ESUC0480
상세설명  Current monitoring function for static relays SU
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

ESUC0480 데이터시트(HTML) 6 Page - celduc-relais

  ESUC0480 Datasheet HTML 1Page - celduc-relais ESUC0480 Datasheet HTML 2Page - celduc-relais ESUC0480 Datasheet HTML 3Page - celduc-relais ESUC0480 Datasheet HTML 4Page - celduc-relais ESUC0480 Datasheet HTML 5Page - celduc-relais ESUC0480 Datasheet HTML 6Page - celduc-relais ESUC0480 Datasheet HTML 7Page - celduc-relais ESUC0480 Datasheet HTML 8Page - celduc-relais ESUC0480 Datasheet HTML 9Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
page 6 / 9F/GB
S/ACC/ESUC0480/D/01/02/2016
Input : Ic = f( Uc)
Caractéristiques d'alimentations / Supply characteristics (at 25°C)
Paramètre / Parameter
Plage de tension utilisation / Operating voltage range
Conditions
Symbol
Us
Min
16,8
Typ.
24-36
Max
45
Unit
V
Courant de consommation / Supply current
Protection contre les inversions de polarité
/ Reverse polarity protection
Protection contre les surtensions
/ Overvoltage protection
pas de défaults/no fault
Is
<20
OUI/YES
Varistance / Varistor
mA
Synthese du diagnostique / Summary of diagnostic function
Caracteristiques / Characteristics
Caractéristiques d'entrée / Control characteristics (at 25°C)
Paramètre / Parameter
Symbol
Min
DC
Typ
Max
Unit
Plage de courant de charge @T°ambiant>0°C /
Load current range @T°ambient>0°C
Plage de courant de charge @T°ambiant<0°C /
Load current range @T°ambient<0°C
Plage de fréquence du courant de charge /
Frequency range of load current
Tension d'entrée de commande / Input control voltage
2
4
Uc
15
16,8
40
40
24-36
200
45
Arms
Arms
Hz
V
Courant de commande / Control current (@ Uc )
Tension de non fonctionnement / Release voltage
LED d'entrée "INPUT"/ "Input" LED
Tension Inverse / Reverse voltage
Ic
Uc off
0,9
2
Tension de l'entrée déportée d'apprentissage /
External teach input voltage
Courant de l'entrée déportée d'apprentissage /
External teach input current
Tension de non fonctionnement / Release voltage
Immunité / Input immunity : EN61000-4-4
16,8
1,4
2
1,8-2,4
3
verte / green
45
mA
V
V
24-36
2-3
45
3,7
1kV
V
mA
V
Immunité / Input immunity : EN61000-4-5
1kV
r
e
l
a
i
s
5 Rue Ampère B.P. 30004
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
®
®
®
®


유사한 부품 번호 - ESUC0480

제조업체부품명데이터시트상세설명
logo
celduc-relais
ESUC0450 CELDUC-ESUC0450 Datasheet
698Kb / 9P
   Current monitoring function for static relays SU
More results

유사한 설명 - ESUC0480

제조업체부품명데이터시트상세설명
logo
celduc-relais
ESUC0450 CELDUC-ESUC0450 Datasheet
698Kb / 9P
   Current monitoring function for static relays SU
ESUC0150 CELDUC-ESUC0150 Datasheet
1Mb / 9P
   Current monitoring function for static relays SU
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
   Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
   Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com