전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESUC0480 데이터시트(PDF) 9 Page - celduc-relais

부품명 ESUC0480
상세설명  Current monitoring function for static relays SU
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

ESUC0480 데이터시트(HTML) 9 Page - celduc-relais

  ESUC0480 Datasheet HTML 1Page - celduc-relais ESUC0480 Datasheet HTML 2Page - celduc-relais ESUC0480 Datasheet HTML 3Page - celduc-relais ESUC0480 Datasheet HTML 4Page - celduc-relais ESUC0480 Datasheet HTML 5Page - celduc-relais ESUC0480 Datasheet HTML 6Page - celduc-relais ESUC0480 Datasheet HTML 7Page - celduc-relais ESUC0480 Datasheet HTML 8Page - celduc-relais ESUC0480 Datasheet HTML 9Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
page 9 / 9F/GB
S/ACC/ESUC0480/D/01/02/2016
Raccordement de commande par connecteur débrochable /
Control connections by pluggable connector
Connecteur à vis
Screw connector
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 7mm
Screwdriver type:
0,6x3,5
Tightening torque:
0,4-0,5Nm
screw 90°
Ref : 1Y0558091
Weidmuller: BLZ5,08/5/90SN SW
1
Possibilites de connecteurs / Connectors possibilities
Double wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 7mm
Screwdriver type:
0,6x3,5
Tightening torque:
0,4-0,5Nm
Ref : 1Y0558092
Weidmuller: BLDT5,08/5 SN SW
2
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 10mm
Ref : 1Y0558180
Weidmuller: BLZF5,08/5/180 SN SW BO
3
Connecteur ressort
Spring Connector
Options / Options
Une fenetre de configuration par micro-switch peut etre
ajoutée pour differents parametrages sur demande (Re-
glages de seuil,
réglage de temporisation,verrouillage,Inhibition d'alar-
me etc...
N'hésitez pas à nous consulter
Micro-switches can be added to allow parameters set-
ting (threshold, delay, locking,alarm inhibition etc...)
Do not hesitate to contact us
Des étiquettes de repérage sont
aussi disponibles (1MZ09000).
Marking labels are also possi-
ble(1MZ09000).
r
e
l
a
i
s
5 Rue Ampère B.P. 30004
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
®
®
®
®


유사한 부품 번호 - ESUC0480

제조업체부품명데이터시트상세설명
logo
celduc-relais
ESUC0450 CELDUC-ESUC0450 Datasheet
698Kb / 9P
   Current monitoring function for static relays SU
More results

유사한 설명 - ESUC0480

제조업체부품명데이터시트상세설명
logo
celduc-relais
ESUC0450 CELDUC-ESUC0450 Datasheet
698Kb / 9P
   Current monitoring function for static relays SU
ESUC0150 CELDUC-ESUC0150 Datasheet
1Mb / 9P
   Current monitoring function for static relays SU
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
   Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
   Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com