전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SGT767470E 데이터시트(PDF) 1 Page - celduc-relais

부품명 SGT767470E
상세설명  Three Phase Solid State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SGT767470E 데이터시트(HTML) 1 Page - celduc-relais

  SGT767470E Datasheet HTML 1Page - celduc-relais SGT767470E Datasheet HTML 2Page - celduc-relais SGT767470E Datasheet HTML 3Page - celduc-relais SGT767470E Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
page 1 / 4 F/GB
S/TRI/SGT767470E/A/02/02/2010
Relais Statique Triphasé
Three Phase Solid State Relays
Entraxe 47,5mm /47.5mm mounting
SGT767470E
Output 24 to 520 VAC
3 x 75 ARMS
Input 4-32VDC
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
celduc®®®®
r
e
l
a
i
s
Proud to serve you
Caractéristiques générales / General characteristics
Paramètre / Parameter
Poids/Weight
Conditions
Symbol
Typ.
370
Unit
g
Plage de température de stockage / Storage temperature range
Plage de température de fonctionnement/Operating temperature range
-40 / +100
-40 / +100
°C
°C
❏ Relais statique asynchrone Triphasé adapté à tout type de charge.
Three phase RANDOM Solid State Relay designed for all types of loads.
❏ Sortie thyristors hautes performances technologie TMS2 (*)
permettant une longue durée de vie : 24 à 600VAC 75A. I2t > 5000A2s
Back to back thyristors on output with TMS
2
technology(*) for a long
lifetime expectancy: 24 to 600VAC 75A . I
2
t > 5000A
2
s. + Varistors
❏ Tension de commande 4 - 32VDC entrée courant régulé
LED de visualisation sur l'entrée de couleur verte.
Control range: 4-32VDCwith current regulation.
Green LED visualization on the input.
Caractéristiques de commande (à 20°C) / Control characteristics (at 20°C)
Paramètre / Parameter
Symbol
Min
DC
Nom
Max
Unit
Tension de commande / Control voltage
Courant de commande / Control current (@ Uc )
Tension de relachement/Release voltage
Résistance interne / Input internal resistor
fig.1
Uc
Ic
4
Uc off
Rc
2
<25
32
Current regulator
V
mA
V
Ω
Tension inverse / Reverse voltage
Caractéristiques d'entrée-sortie (à 20°C) / Input-output characteristics (at 20°C)
Isolement entrée-sortie/Input-output isolation @500m
Isolement sortie-semelle/Output-case isolation @500m
Urv
Ui
Ui
Tension assignée isolement/ Rated impulse voltage
Uimp
30
4000
3300
V
VRMS
VRMS
4000
V


유사한 부품 번호 - SGT767470E

제조업체부품명데이터시트상세설명
logo
celduc-relais
SGT767370 CELDUC-SGT767370 Datasheet
105Kb / 2P
   Three Phase Solid State Relays
More results

유사한 설명 - SGT767470E

제조업체부품명데이터시트상세설명
logo
celduc-relais
SIT865390 CELDUC-SIT865390 Datasheet
212Kb / 3P
   Three Phase Solid State Relays
SGT962360 CELDUC-SGT962360 Datasheet
96Kb / 2P
   Three Phase Solid State Relays
SGT965360 CELDUC-SGT965360 Datasheet
107Kb / 2P
   Three Phase Solid State Relays
SGT965960E CELDUC-SGT965960E Datasheet
100Kb / 2P
   Three Phase Solid State Relays
SGT765370 CELDUC-SGT765370 Datasheet
96Kb / 2P
   Three Phase Solid State Relays
SVT861394 CELDUC-SVT861394 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SGT865470E CELDUC-SGT865470E Datasheet
330Kb / 4P
   Three Phase Solid State Relays
SGT967760E CELDUC-SGT967760E Datasheet
307Kb / 4P
   Three Phase Solid State Relays
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com