전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SGT967760E 데이터시트(PDF) 3 Page - celduc-relais

부품명 SGT967760E
상세설명  Three Phase Solid State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SGT967760E 데이터시트(HTML) 3 Page - celduc-relais

  SGT967760E Datasheet HTML 1Page - celduc-relais SGT967760E Datasheet HTML 2Page - celduc-relais SGT967760E Datasheet HTML 3Page - celduc-relais SGT967760E Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
page 3 / 4 F/GB
S/TRI/SGT967760E/B30/07/2014
fig 3 : Courants de surcharges / Overload currents
−>
Warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. Always use in conjunction
with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable insulation in the event of wrong
function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...).
1 -Itsm non répétitif sans tension réappliquée est
donné pour la détermination des protections.
1 - No repetitive Itsm is given without voltage
reapplied . This curve is used to define the
protection (fuses).
2 -Itsm répétitif est donné pour des surcharges de
courant (Tj initiale=70°C).
Attention : la répétition de ces surcharges de courant
diminue la durée de vie du relais.
2 - Repetitive Itsm is given for inrush current with
initial Tj = 70°C. In normal operation , this curve
musn't be exceeded.
Be careful, the repetition of the surge current
decreases the life expectancy of the SSR.
−>
Attention ! les relais à semi-conducteurs ne procurent pas d'isolation galvanique entre le réseau et la charge. Ils doivent être utilisés
associés à un disjoncteur avec propriété de sectionnement ou similaire, afin d'assurer un sectionnement fiable en amont de la ligne dans
l'hypothèse d'une défaillance et pour tous les cas où le relais doit être isolé du réseau (maintenance ; non utilisation sur une longue durée...).
avec capot 1K199000
with transparent cover 1K199000
Dimensions
r
e
l
a
i
s
www.celduc.com
celduc
®
®
®
®
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19


유사한 부품 번호 - SGT967760E

제조업체부품명데이터시트상세설명
logo
celduc-relais
SGT967360 CELDUC-SGT967360 Datasheet
174Kb / 2P
   Three Phase Solid State Relays
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
SGT967960E CELDUC-SGT967960E Datasheet
365Kb / 4P
   Three Phase Solid State Relays
More results

유사한 설명 - SGT967760E

제조업체부품명데이터시트상세설명
logo
celduc-relais
SIT865390 CELDUC-SIT865390 Datasheet
212Kb / 3P
   Three Phase Solid State Relays
SGT962360 CELDUC-SGT962360 Datasheet
96Kb / 2P
   Three Phase Solid State Relays
SGT965360 CELDUC-SGT965360 Datasheet
107Kb / 2P
   Three Phase Solid State Relays
SGT965960E CELDUC-SGT965960E Datasheet
100Kb / 2P
   Three Phase Solid State Relays
SGT765370 CELDUC-SGT765370 Datasheet
96Kb / 2P
   Three Phase Solid State Relays
SVT861394 CELDUC-SVT861394 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SGT865470E CELDUC-SGT865470E Datasheet
330Kb / 4P
   Three Phase Solid State Relays
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com