전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SGT8650810 데이터시트(PDF) 6 Page - celduc-relais

부품명 SGT8650810
상세설명  Three phase power solid state relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SGT8650810 데이터시트(HTML) 6 Page - celduc-relais

  SGT8650810 Datasheet HTML 1Page - celduc-relais SGT8650810 Datasheet HTML 2Page - celduc-relais SGT8650810 Datasheet HTML 3Page - celduc-relais SGT8650810 Datasheet HTML 4Page - celduc-relais SGT8650810 Datasheet HTML 5Page - celduc-relais SGT8650810 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
page 6 / 6 GB/F
S/SGT8650810/A/05/01/2017
cel3pac
®
r
e
l
a
i
s
www.celduc.com
celduc7
Mounting / Montage :
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
Dimensions / Dimensions:
−>
cel3pac
® SSRs must be mounted on heatsinks. A large range of heatsinks is available.
See "WF" range on www.celduc.com.
−>
For heatsink mounting, it is necessary to use thermal grease with high conductibility specified by celduc
®.
−>
Les relais statiques de la gamme cel3pac
® doivent être montés sur dissipateur thermique.Une gamme étendue de dissipateurs
est disponible. Voir la gamme "WF" sur www.celduc.com.
−>
Pour le montage du relais sur dissipateur utiliser de la graisse thermique spécifié par celduc
® .
(3.94)
(3.62)
mm
(inches)
1/L1
3/L2
5/L3
2/T1
4/T2
6/T3
7/A2-
8/A1+
(
(
)
)
9/A4
10/A3
+ 24VDC
1/L1
3/L2
5/L3
2/T1
4/T2
6/T3
7/A2-
8/A1+
(
(
)
)
9/A4
10/A3
+
24VDC
A1
A2
230Vac
Contactor / contacteur
Wiring examples output alarm / exemples de câblage de la sortie alarme:


유사한 부품 번호 - SGT8650810

제조업체부품명데이터시트상세설명
logo
celduc-relais
SGT865350 CELDUC-SGT865350 Datasheet
97Kb / 2P
   Three Phase Solid State Relays
SGT865470E CELDUC-SGT865470E Datasheet
330Kb / 4P
   Three Phase Solid State Relays
SGT8658500 CELDUC-SGT8658500 Datasheet
672Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results

유사한 설명 - SGT8650810

제조업체부품명데이터시트상세설명
logo
celduc-relais
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT8698503 CELDUC-SGT8698503 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGB8890200 CELDUC-SGB8890200 Datasheet
678Kb / 6P
   Three phase power solid state relay
SGT759370 CELDUC-SGT759370 Datasheet
192Kb / 2P
   Three phase power solid state relay
SGT8850200 CELDUC-SGT8850200 Datasheet
701Kb / 6P
   Three phase power solid state relay
SGT8859200 CELDUC-SGT8859200 Datasheet
674Kb / 6P
   Three phase power solid state relay
SGT9834300 CELDUC-SGT9834300 Datasheet
713Kb / 6P
   Three phase power solid state relay
SGT9874300 CELDUC-SGT9874300 Datasheet
711Kb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com