전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1907DL 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1907DL
상세설명  Dual P-Channel 1.8-V (G-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1907DL 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1907DL Datasheet HTML 1Page - Vishay Siliconix SI1907DL Datasheet HTML 2Page - Vishay Siliconix SI1907DL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Vishay Siliconix
SPICE Device Model Si1907DL
www.vishay.com
Document Number: 71526
S-50232
Rev. B, 28-Feb-05
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
0.78
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −4.5 V
5.8
A
VGS = −4.5 V, ID = −0.53 A
0.54
0.57
VGS = −2.5 V, ID = −0.44 A
0.77
0.80
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8 V, ID = −0.20 A
1.05
1.25
Forward Transconductance
a
gfs
VDS = −10 V, ID = −0.53 A
1.19
1.1
S
Diode Forward Voltage
a
VSD
IS = −0.23 A, VGS = 0 V
−0.76
−0.80
V
Dynamic
b
Total Gate Charge
Qg
0.72
1.5
Gate-Source Charge
Qgs
0.14
0.40
Gate-Drain Charge
Qgd
VDS = −6 V, VGS = −4.5 V, ID = −0.53 A
0.12
0.25
nC
Turn-On Delay Time
td(on)
6
6
Rise Time
tr
7
20
Turn-Off Delay Time
td(off)
23
10
Fall Time
tf
VDD = −6 V, RL = 12 Ω
ID ≅ −0.50 A, VGEN = −4.5 V, RG = 6 Ω
7
10
Source-Drain Reverse Recovery Time
trr
IF = −0.23 A, di/dt = 100 µs
15
20
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.


유사한 부품 번호 - SI1907DL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1900DL VISHAY-SI1900DL Datasheet
42Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. C, 12-Aug-02
logo
Vishay Telefunken
SI1900DL TFUNK-SI1900DL Datasheet
220Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1900DL VISHAY-SI1900DL Datasheet
223Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1900DL VISHAY-SI1900DL_V01 Datasheet
223Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1901DL VISHAY-SI1901DL Datasheet
44Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 28-Aug-00
More results

유사한 설명 - SI1907DL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com