전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS245ADBR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS245ADBR
상세설명  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS245ADBR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALS245ADBR Datasheet HTML 1Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 2Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 3Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 4Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 5Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 6Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 7Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 8Page - Texas Instruments SN74ALS245ADBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54ALS245A, SN54AS245, SN74ALS245A, SN74AS245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDAS272A – NOVEMBER 1994 – REVISED JANUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Max tpd of 5.5 ns at 5 V
D 3-State Outputs Drive Bus Lines Directly
D pnp Inputs Reduce dc Loading
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
SN54ALS245A ...J OR W PACKAGE
SN54AS245 ...J PACKAGE
SN74ALS245A . . . DB, DW, N, OR NS PACKAGE
SN74AS245 ...DW, N, OR NS PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54ALS245A, SN54AS245 . . . FK PACKAGE
(TOP VIEW)
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SN74ALS245A-1N
SN74ALS245A-1N
PDIP – N
Tube
SN74ALS245AN
SN74ALS245AN
SN74AS245N
SN74AS245N
Tube
SN74ALS245ADW
ALS245A
Tape and reel
SN74ALS245ADWR
ALS245A
SOIC
DW
Tube
SN74ALS245A-1DW
ALS245A 1
0
°C to 70°C
SOIC – DW
Tape and reel
SN74ALS245A-1DWR
ALS245A-1
Tube
SN74AS245DW
AS245
Tape and reel
SN74AS245DWR
AS245
Tape and reel
SN74ALS245ANSR
ALS245A
SOP – NS
Tape and reel
SN74ALS245A-1NSR
ALS245A-1
Tape and reel
SN74AS245NSR
74AS245
SSOP – DB
Tape and reel
SN74ALS245ADBR
G245A
CDIP
J
Tube
SNJ54ALS245AJ
SNJ54ALS245AJ
CDIP – J
Tube
SNJ54AS245J
SNJ54AS245J
–55
°C to 125°C
CFP – W
Tube
SNJ54ALS245AW
SNJ54ALS245AW
LCCC
FK
Tube
SNJ54ALS245AFK
SNJ54ALS245AFK
LCCC – FK
Tube
SNJ54AS245FK
SNJ54AS245FK
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - SN74ALS245ADBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS245ADBR TI1-SN74ALS245ADBR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS245ADBR TI1-SN74ALS245ADBR Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED JANUARY 2003
SN74ALS245ADBRG4 TI1-SN74ALS245ADBRG4 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

유사한 설명 - SN74ALS245ADBR

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com