전자부품 데이터시트 검색엔진 |
|
PA1001A 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers |
|
PA1001A 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 11 page PA1001A – 7/02 Page 5 of 11 Wiring For RF Pickup Coil: 1. Connect a two conductor shielded cable from the pickup to Terminals 5 and 6. Connect the shield to Terminal 4 (see Figure 1). NOTE: It is also preferable that the pickup coil be grounded to the shield. 2. Connect a power source, which must be within 8-30 VDC, to Terminals 7 and 8. The Plus voltage is connected to Terminal 8 and the Return to Terminal 7 (see Figure 1). 3. Connect the Pulse output wire to Terminal 3, and connect the Pulse common to Terminal 4 (see Figure 1). 4. Set Jumper HD2 (see Figure 3) to the RF position. 5. Configure Jumper HD1 (see Figure 3) to the desired pulse output as follows: Pulse Output Type HD1 Jumper Configuration Open Collector JP2 Square Wave to Vin JP1 and JP2 TTL/CMOS JP1, JP2 and JP3 0-10 VDC Square Wave JP1, JP2 and JP4 6. Install pickup (e.g. in meter) and provide power to PA1001A. Use a digital voltmeter set to DC voltage and attach the positive lead to Terminal 6 and the common lead to Terminal 2. Adjust the Carrier Adjustment (R2) (see Figure 3) to a reading of 3.00 VDC to fine-tune the pickup for air gap, wall thickness, etc. 7. With power still supplied to PA1001A determine if pulse output is being generated in the absence of motion. Adjust the RF Trigger (R24) (see Figure 3) clock wise until the false pulsation has stopped. If pulsation continues when adjusted fully clock wise, check that all shields have been properly terminated and grounded. |
유사한 부품 번호 - PA1001A |
|
유사한 설명 - PA1001A |