전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G3157GM 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVC1G3157GM
상세설명  2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157GM 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G3157GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9397 750 14524
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2005
9 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
(1)
Tamb = 125 °C
(2)
Tamb =85 °C
(3)
Tamb =25 °C
(4)
Tamb = 40 °C
(1)
Tamb = 125 °C
(2)
Tamb =85 °C
(3)
Tamb =25 °C
(4)
Tamb = 40 °C
a. VCC = 1.8 V
b. VCC = 2.5 V
(1)
Tamb = 125 °C
(2)
Tamb =85 °C
(3)
Tamb =25 °C
(4)
Tamb = 40 °C
(1)
Tamb = 125 °C
(2)
Tamb =85 °C
(3)
Tamb =25 °C
(4)
Tamb = 40 °C
c. VCC = 2.7 V
d. VCC = 3.3 V
Fig 9.
Switch ON-resistance as a function of input voltage
VI (V)
05
4
23
1
001aaa712
40
20
60
80
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
23
1
001aaa708
8
4
12
16
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
23
1
001aaa709
8
4
12
16
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
23
1
001aaa710
8
4
12
16
RON
(
Ω)
0
(1)
(2)
(3)
(4)


유사한 부품 번호 - 74LVC1G3157GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G3157GM NXP-74LVC1G3157GM Datasheet
121Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 3-16 September 2010
74LVC1G3157GM PHILIPS-74LVC1G3157GM Datasheet
260Kb / 26P
   2-channel analog multiplexer/demultiplexer
Rev. 5-6 December 2012
logo
Nexperia B.V. All right...
74LVC1G3157GM NEXPERIA-74LVC1G3157GM Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157GM-Q100 NEXPERIA-74LVC1G3157GM-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

유사한 설명 - 74LVC1G3157GM

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com