전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8353 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8353
상세설명  100 MHz-2.7 GHz RF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8353 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8353 Datasheet HTML 4Page - Analog Devices AD8353 Datasheet HTML 5Page - Analog Devices AD8353 Datasheet HTML 6Page - Analog Devices AD8353 Datasheet HTML 7Page - Analog Devices AD8353 Datasheet HTML 8Page - Analog Devices AD8353 Datasheet HTML 9Page - Analog Devices AD8353 Datasheet HTML 10Page - Analog Devices AD8353 Datasheet HTML 11Page - Analog Devices AD8353 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
–9–
AD8353
OUTPUT 1 dB COMPRESSION POINT – dBm
7.0
7.2
10
45
35
0
40
30
20
5
7.4
7.8
8.2
8.4
8.6
8.0
8.8
7.6
15
25
TPC 25. Distribution of P1 dB, VS = 3 V, TA = 25
°C,
f = 2.2 GHz
FREQUENCY – MHz
500
1000
1500
2000
2500
20
16
12
3000
26
24
10
18
14
22
OIP3 AT 5.5V
OIP3 AT 5.0V
OIP3 AT 4.5V
0
TPC 26. OIP3 vs. Frequency, VS = 4.5 V, 5 V, and
5.5 V, TA = 27 C
FREQUENCY – MHz
500
1000
1500
2000
2500
6.5
5.5
4.5
3000
9.0
8.0
4.0
6.0
5.0
7.0
8.5
7.5
NF AT 4.5V
NF AT 5.5V
NF AT 5.0V
0
TPC 27.
Noise Figure vs. Frequency, VS = 4.5 V, 5 V,
and 5.5 V, TA = 25 C
OIP3 – dBm
18.8
20.0
10
30
0
20
5
20.4
21.2
21.6
20.8
25
15
19.6
19.2
TPC 28. Distribution of OIP3, VS = 5 V, TA = 25 C,
f = 2.2 GHz
FREQUENCY – MHz
500
1000
1500
2000
2500
20
16
12
3000
26
24
10
18
14
22
OIP3 AT –40 C
OIP3 AT +25 C
OIP3 AT +85 C
0
TPC 29. OIP3 vs. Frequency, VS = 5 V, TA = –40 C,
+25 C, and +85 C
FREQUENCY – MHz
500
1000
1500
2000
2500
7
5
3000
10
9
4
8
6
NF AT –40 C
NF AT +85 C
NF AT +25 C
0
TPC 30. Noise Figure vs. Frequency, VS = 5 V, TA = –40 C,
+25 C, and +85 C


유사한 부품 번호 - AD8353

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353 Datasheet
345Kb / 16P
   RF Gain Block
AD8353-EVAL AD-AD8353-EVAL Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353-EVALZ AD-AD8353-EVALZ Datasheet
345Kb / 16P
   RF Gain Block
AD8353ACP-R2 AD-AD8353ACP-R2 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
More results

유사한 설명 - AD8353

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com