전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8186ARU-REEL 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8186ARU-REEL
상세설명  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8186ARU-REEL 데이터시트(HTML) 3 Page - Analog Devices

  AD8186ARU-REEL Datasheet HTML 1Page - Analog Devices AD8186ARU-REEL Datasheet HTML 2Page - Analog Devices AD8186ARU-REEL Datasheet HTML 3Page - Analog Devices AD8186ARU-REEL Datasheet HTML 4Page - Analog Devices AD8186ARU-REEL Datasheet HTML 5Page - Analog Devices AD8186ARU-REEL Datasheet HTML 6Page - Analog Devices AD8186ARU-REEL Datasheet HTML 7Page - Analog Devices AD8186ARU-REEL Datasheet HTML 8Page - Analog Devices AD8186ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
AD8186/AD8187
–3–
Parameter
Conditions
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS
Channel-to-Channel Switching Time
50% Logic to 50% Output
Settling, INA = +1 V, INB = –1 V
3.6/4
ns
ENABLE to Channel ON Time
50% Logic to 50% Output
Settling, INPUT = 1 V
4/3.8
ns
DISABLE to Channel OFF Time
50% Logic to 50% Output
Settling, INPUT = 1 V
17/5
ns
Channel Switching Transient (Glitch)
All Channels Grounded
21/45
mV
Output Enable Transient (Glitch)
All Channels Grounded
64/118
mV
DIGITAL INPUTS
Logic 1 Voltage
SEL A/
B, OE Inputs
1.6
V
Logic 0 Voltage
SEL A/
B, OE Inputs
0.6
V
Logic 1 Input Current
SEL A/
B, OE = 2.0 V
45
nA
Logic 0 Input Current
SEL A/
B, OE = 0.5 V
2
A
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
–40
+85
ºC
JA
Operating (Still Air)
85
ºC/W
JC
Operating
20
ºC/W
Specifications subject to change without notice.
AD8186/AD8187


유사한 부품 번호 - AD8186ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8186ARU-REEL AD-AD8186ARU-REEL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU-REEL AD-AD8186ARU-REEL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU-REEL7 AD-AD8186ARU-REEL7 Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU-REEL7 AD-AD8186ARU-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

유사한 설명 - AD8186ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com