전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C0805C105J4RACAUTO 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 C0805C105J4RACAUTO
상세설명  SMD Auto X7R, Ceramic, 1 uF, 5%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C105J4RACAUTO 데이터시트(HTML) 1 Page - Kemet Corporation

  C0805C105J4RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C0805C105J4RACAUTO
SMD Auto X7R, Ceramic, 1 uF, 5%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
Dimensions
L
2mm +/-0.3mm
W
1.25mm +/-0.2mm
T
0.9mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Auto X7R
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Features: Temperature Stable, Automotive
Grade
RoHS: Yes
Termination: Tin
Marking: No
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 0805
Shelf Life: 78 Weeks
MSL: 1
Specifications
Capacitance: 1 uF
Capacitance Tolerance: 5%
Voltage DC: 16 VDC
Dielectric Withstanding
Voltage: 40 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 3.50% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 500 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/05/2018 - 8d093c84-313d-4548-b0b2-818a5acd5c1e


유사한 부품 번호 - C0805C105J4RACAUTO

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
C0805C105J4RACTM KEMET-C0805C105J4RACTM Datasheet
522Kb / 4P
   SMD Comm X7R, Ceramic, 1 uF, 5%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C105J4RACTU KEMET-C0805C105J4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 5%, 16 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results

유사한 설명 - C0805C105J4RACAUTO

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
C0805C105J3RACAUTO KEMET-C0805C105J3RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R, Ceramic, 1 uF, 5%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C475J3RACAUTO KEMET-C0805C475J3RACAUTO Datasheet
64Kb / 1P
   SMD Auto X7R, Ceramic, 4.7 uF, 5%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C104K4RACAUTO KEMET-C0805C104K4RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 0.1 uF, 10%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C224J5RACAUTO KEMET-C0805C224J5RACAUTO Datasheet
57Kb / 1P
   SMD Auto X7R, Ceramic, 0.22 uF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C103J5RACAUTO KEMET-C0805C103J5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 0.01 uF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C474J5RACAUTO KEMET-C0805C474J5RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R, Ceramic, 0.47 uF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C104J1RACAUTO KEMET-C0805C104J1RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 0.1 uF, 5%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C473J5RACAUTO KEMET-C0805C473J5RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R, Ceramic, 0.047 uF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C153J1RACAUTO KEMET-C0805C153J1RACAUTO Datasheet
63Kb / 1P
   SMD Auto X7R, Ceramic, 0.015 uF, 5%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C223J1RACAUTO KEMET-C0805C223J1RACAUTO Datasheet
63Kb / 1P
   SMD Auto X7R, Ceramic, 0.022 uF, 5%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com