전자부품 데이터시트 검색엔진 |
|
UC34363 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
UC34363 데이터시트(HTML) 3 Page - Unisonic Technologies |
3 / 4 page UC34363 Preliminary LINEAR INTEGRATED CIRCUIT UNISONIC TECHNOLOGIES CO., LTD 3 of 4 www.unisonic.com.tw QW-R103-059.b ABSOLU T E M AX I M U M RAT I N G PARAMETER SYMBOL RATINGS UNIT Power Supply Voltage VCC 30 V CC+ Voltage VCC+ 10 V CC- Voltage VCC- 10 V CV- Voltage VCV- 10 V Operating Junction Temperature TJ 125 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECT RI CAL CH ARACT ERI ST I CS (VIN=15V, TA=25°C, Unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Power Supply Power Supply Voltage VCC 8 30 V Standby Supply Current ISTANDBY VCC= 30V 7 15 mA Osc Oscillator Frequency FOSC 75 KHZ CC Constant Current CC RS=50m Ω, Rcc1=Rcc3=1K, Rcc2=Rcc4=30K 2 A Enable Enable Logic Input Leve VON 2 V VOFF 1.5 V VREF Reference Input Voltage VREF ILOAD=5mA 3.0 V Protect Thermal Shutdown TOTP 150 °C |
유사한 부품 번호 - UC34363_14 |
|
유사한 설명 - UC34363_14 |