전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GCBC040-1B 데이터시트(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

부품명 GCBC040-1B
상세설명  Current sensor for PW Board mounting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

GCBC040-1B 데이터시트(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  GCBC040-1B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. GCBC040-1B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Product Name
Current Sensor
Part No.
GCBC040-1B
Attention: Modifications on specification, size, etc., may be carried out for improvement without notice.
Rev1.5 e EC
28 March. 2017
Page:2/16
ALPS ELECTRIC CO., LTD.
Table of contents
1.
Introduction ................................................................................................................................... 3
2.
Features and Advantages ............................................................................................................ 3
3.
Principle ......................................................................................................................................... 3
4.
Applications ................................................................................................................................... 3
5.
Block Diagram and Typical Application...................................................................................... 4
5.1.
Block Diagram .......................................................................................................................... 4
5.2.
Typical Application ................................................................................................................... 4
6.
Dimensions and Terminal Designation....................................................................................... 7
7.
Operating Characteristics ............................................................................................................ 8
7.1.
Absolute Maximum Ratings ..................................................................................................... 8
7.2.
Operating Condition ................................................................................................................. 8
7.3.
Recommended Operating Condition........................................................................................ 8
7.4.
Electrical Characteristics (No Load, Vdd=5.0V, Ta=25°C) ...................................................... 8
7.5.
Electrical Characteristics (RL=10k
Ω, Vdd=5.0V, Ta=25°C)..................................................... 9
7.6.
Start-up timing........................................................................................................................ 10
7.6.1.
Start-up ........................................................................................................................... 10
7.6.2.
Low voltage detection ..................................................................................................... 10
7.7.
Influence from the ambient magnetic field ............................................................................. 11
8.
Characteristic Definitions........................................................................................................... 12
9.
Characteristic Data...................................................................................................................... 14
10.
Recommended Soldering Conditions ................................................................................... 15
10.1.
Manual Soldering ............................................................................................................... 15
11.
Referential Land Pattern ......................................................................................................... 15
12.
Extras ........................................................................................................................................ 16


유사한 부품 번호 - GCBC040-1B

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
GCBC050-2B ALPS-GCBC050-2B Datasheet
731Kb / 16P
   Current sensor for PW Board mounting
More results

유사한 설명 - GCBC040-1B

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
GCBC050-2B ALPS-GCBC050-2B Datasheet
731Kb / 16P
   Current sensor for PW Board mounting
GCBC100-2B ALPS-GCBC100-2B Datasheet
726Kb / 16P
   Current sensor for PW Board mounting
logo
PHOENIX CONTACT
1055768 PHOENIX-1055768 Datasheet
343Kb / 5P
   FLANGE-M23PRO-PW - Square mounting flange
logo
MultiDimension Technolo...
TMR7555-D MULTIDIMENSION-TMR7555-D Datasheet
572Kb / 8P
   Board Mount Precision Current Sensor
Version 1.0
logo
List of Unclassifed Man...
PCH330 ETC2-PCH330 Datasheet
220Kb / 1P
   SOCKETS FOR CIRCUIT BOARD MOUNTING
logo
Schneider Electric
XSZBE00 SCHNEIDER-XSZBE00 Datasheet
107Kb / 2P
   accessory for sensor - clip mounting plate
XSZBC00 SCHNEIDER-XSZBC00 Datasheet
108Kb / 2P
   accessory for sensor - clip mounting plate
logo
Sangdest Microelectroni...
153CMQ SMC-153CMQ Datasheet
278Kb / 4P
   Multiple leads per terminal for high frequency, high current PC board mounting
logo
Shanghai Leiditech Elec...
KBP301 LEIDITECH-KBP301 Datasheet
1Mb / 2P
   Ideal for printed circuit board mounting
logo
Crydom Inc.,
PB8 CRYDOM-PB8 Datasheet
357Kb / 3P
   MOUNTING BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com