전자부품 데이터시트 검색엔진 |
|
M3253507E2X475KRMB 데이터시트(PDF) 1 Page - Kemet Corporation |
|
M3253507E2X475KRMB 데이터시트(HTML) 1 Page - Kemet Corporation |
|
1 / 1 page KEMET Part Number: M3253507E2X475KRMB (C1812K475K8RNL) SMD MIL X7R PRF32535, Ceramic, Military/High Reliability, 4.7 uF, 10%, 10 VDC, X7R, SMD, Conformal, Military, Low ESR, MIL- PRF-32535, N/A, 1812 Dimensions L 4.52mm +/-0.3mm (0.178 in +/-0.012 in) W 3.2mm +/-0.3mm (0.126 in +/-0.012 in) T 2.79mm MAX (0.11 in MAX) B 0.61mm +/-0.46mm (0.024 in +/-0.018 in) Packaging Specifications Weight: 216 mg Packaging: Waffle Packaging Quantity: 80 General Information Supplier: KEMET Series: SMD MIL X7R PRF32535 Style: SMD Chip Description: SMD, Conformal, Military, Low ESR, MIL-PRF-32535 RoHS: No Termination: Solder Plated Failure Rate: N/A Qualifications: MIL-PRF-32535 Notes: 2mm Pitch T&R packaging option will double quantity. Only for 0603 Chip Size Chip Size: 1812 Specifications Capacitance: 4.7 uF Capacitance Tolerance: 10% Voltage DC: 10 VDC Dielectric Withstanding Voltage: 25 V Temperature Range: -55/+125C Temperature Coefficient: X7R Dissipation Factor: 5.00% 1kHz 25C Aging Rate: 0% Loss/Decade Hour Insulation Resistance: 110 MOhms © 2006 - 2018 IntelliData.net Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. Generated 8/06/2018 - ef290c6f-3f95-4e09-a5cc-3feb28c42d65 |
유사한 부품 번호 - M3253507E2X475KRMB |
|
유사한 설명 - M3253507E2X475KRMB |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |