전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT5047B 데이터시트(PDF) 3 Page - Richtek Technology Corporation

부품명 RT5047B
상세설명  Single Output LNB Supply and Control Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047B 데이터시트(HTML) 3 Page - Richtek Technology Corporation

  RT5047B Datasheet HTML 1Page - Richtek Technology Corporation RT5047B Datasheet HTML 2Page - Richtek Technology Corporation RT5047B Datasheet HTML 3Page - Richtek Technology Corporation RT5047B Datasheet HTML 4Page - Richtek Technology Corporation RT5047B Datasheet HTML 5Page - Richtek Technology Corporation RT5047B Datasheet HTML 6Page - Richtek Technology Corporation RT5047B Datasheet HTML 7Page - Richtek Technology Corporation RT5047B Datasheet HTML 8Page - Richtek Technology Corporation RT5047B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RT5047B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047B-00
November
2017
www.richtek.com
3
Operation
The RT5047B integrates a current mode boost
converter and linear regulator. Use the SEL pin to
control the LNB voltage and the boost converter track is
at least greater 850mV than LNB voltage. The boost
converter is the high efficiency PWM architecture with
700kHz operation frequency. The linear regulator has
the capability to source current up to 550mA during
continuous operation. All the loop compensation,
current sensing, and slope compensation functions are
provided internally.
OCP
Both the boost converter and the linear regulator have
independent current limit. In the boost converter
(OCP1),
this
is
achieved
through
cycle-by-cycle
internal current limit (typ. 3A). In the linear regulator
(OCP2), when the linear regulator exceeds OCP more
than 6ms, the LNB output will be disabled and re-start
after 1.8s.
Tone Circuit
This circuit is used for tone generation. Use the TONE
pin to control output amplitude of LNB.
OTP
When the junction temperature reaches the critical
temperature (typically 150
C), the boost converter and
the linear regulator are immediately disabled.
UVLO
The UVLO circuit compares the VIN with the UVLO
threshold (7.7V rising typically) to ensure that the input
voltage is high enough for reliable operation. The
350mV (typ.) hysteresis prevents supply transients
from causing a shutdown.
PWM Controller
The loop compensation, current sensing, and slope
compensation functions are provided internally.


유사한 부품 번호 - RT5047B

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
More results

유사한 설명 - RT5047B

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com