전자부품 데이터시트 검색엔진 |
|
TDA956X 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
TDA956X 데이터시트(HTML) 11 Page - NXP Semiconductors |
11 / 125 page Table 1 Pin functions for various versions Note 1. When the AM/FM mode is chosen several pins have a different function. For this reason this mode can be selected only when the adapted application is used. 2. When in the AM/FM mode the AM bit is activated a capacitor with a value of about 2.2 µF has to be switched externally in parallel with the sound PLL filter 3. When additional (external) selectivity is required for FM-PLL system pin 32 can be used as sound IF input. This function is selected by means of SIF bit in subaddress 21H. IC version FM-PLL version QSS VERSION AM/FM MODE (1) NORMAL MODE AMFM bit 0 1 0 East-West Y/N N Y N N Y CMB1/CMB0 bits 00 01/10/11 00 01/10/11 − 00 01/10/11 00 01/10/11 AM bit − −−− 01 − 01 − 01 Pin 20 AVL EWD DECSDEM AVL EWD Pin 28 AUDEEM SIFIN1 SIFIN1 Pin 29 DECSDEM SIFIN2 SIFIN2 Pin 31 SNDPLL SNDPLL SIFAGC(2) SIFAGC Pin 32 SNDIF(3) REFO AVL/SNDIF(3) REFO AUDEEM/AMOUT AMOUT REFO AMOUT REFO Pin 35 AUDEXT AUDEXT AUDEXT QSSO AMOUT AUDEXT QSSO AMOUT Pin 44 AUDOUT controlled audio out controlled AM out |
유사한 부품 번호 - TDA956X |
|
유사한 설명 - TDA956X |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |