전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA958XPS 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA958XPS
상세설명  TV signal processor-Teletext decoder with embedded m-Controller
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA958XPS 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA958XPS Datasheet HTML 7Page - NXP Semiconductors TDA958XPS Datasheet HTML 8Page - NXP Semiconductors TDA958XPS Datasheet HTML 9Page - NXP Semiconductors TDA958XPS Datasheet HTML 10Page - NXP Semiconductors TDA958XPS Datasheet HTML 11Page - NXP Semiconductors TDA958XPS Datasheet HTML 12Page - NXP Semiconductors TDA958XPS Datasheet HTML 13Page - NXP Semiconductors TDA958XPS Datasheet HTML 14Page - NXP Semiconductors TDA958XPS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
Table 1
Pin functions for various versions
Note
1. When the AM/FM mode is chosen several pins have a different function. For this reason this mode can be selected only when the adapted
application is used.
2. When in the AM/FM mode the AM bit is activated a capacitor with a value of about 2.2
µF has to be switched externally in parallel with the sound
PLL filter
3. When additional (external) selectivity is required for FM-PLL system pin 32 can be used as sound IF input. This function is selected by means of
SIF bit in subaddress 21H.
IC version
FM-PLL version
QSS VERSION
AM/FM MODE (1)
NORMAL MODE
AMFM bit
0
1
0
East-West Y/N
N
Y
N
N
Y
CMB1/CMB0 bits
00
01/10/11
00
01/10/11
00
01/10/11
00
01/10/11
AM bit
−−−
01
01
01
Pin 20
AVL
EWD
DECSDEM
AVL
EWD
Pin 28
AUDEEM
SIFIN1
SIFIN1
Pin 29
DECSDEM
SIFIN2
SIFIN2
Pin 31
SNDPLL
SNDPLL SIFAGC(2)
SIFAGC
Pin 32
SNDIF(3)
REFO AVL/SNDIF(3) REFO
AUDEEM/AMOUT
AMOUT
REFO
AMOUT
REFO
Pin 35
AUDEXT
AUDEXT
AUDEXT
QSSO
AMOUT
AUDEXT
QSSO
AMOUT
Pin 44
AUDOUT
controlled audio out
controlled AM out


유사한 부품 번호 - TDA958XPS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA9500 ETC-TDA9500 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
logo
STMicroelectronics
TDA9501 STMICROELECTRONICS-TDA9501 Datasheet
240Kb / 5P
   AC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
List of Unclassifed Man...
TDA9503 ETC-TDA9503 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
logo
STMicroelectronics
TDA9511 STMICROELECTRONICS-TDA9511 Datasheet
52Kb / 5P
   DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
List of Unclassifed Man...
TDA9513 ETC-TDA9513 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
More results

유사한 설명 - TDA958XPS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Renesas Technology Corp
M65582AMF-XXXFP RENESAS-M65582AMF-XXXFP Datasheet
514Kb / 46P
   NTSC TV Signal Processor with MCU
M61280M8-XXXFP RENESAS-M61280M8-XXXFP Datasheet
1Mb / 54P
   NTSC TV Signal Processor with MCU
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
   TELETEXT DECODER WITH 4 INTERGATED PAGES
logo
AAEON Technology
AEC-6520 AAEON-AEC-6520 Datasheet
292Kb / 2P
   IP-65 Washable Embedded Controller With Intel짰 Celeron짰 M Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com