전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM366S1623DTL 데이터시트(PDF) 4 Page - Samsung semiconductor

부품명 KMM366S1623DTL
상세설명  PC66 Unbuffered DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623DTL 데이터시트(HTML) 4 Page - Samsung semiconductor

  KMM366S1623DTL Datasheet HTML 1Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 2Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 3Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 4Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 5Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 6Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 7Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 8Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PC66 Unbuffered DIMM
KMM366S1623DTL
REV. 0.0 July 1999
FUNCTIONAL BLOCK DIAGRAM
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
A0 ~ An, BA0 & 1
CKE0
RAS
CAS
WE
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U15
SDRAM U0 ~ U7
10
DQn
Every DQpin of SDRAM
DQM0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQM
CS
CS0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U4
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQM
CS
DQM1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U1
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U5
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQM CS
DQM5
DQM4
DQM2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U2
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQM
CS
CS2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U6
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQM
CS
DQM3
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQM
CS
DQM7
DQM6
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U8
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U9
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U10
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U11
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U12
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U13
DQM CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U14
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U15
DQM
CS
CS1
CS3
CKE1
SDRAM U8 ~ U15
10K
VDD
VDD
Vss
Two 0.33uF Capacitors
per each SDRAM
To all SDRAMs
U0/U1/U2/U3
U8/U9/U10/U11
10
10
CLK0/1/2/3
U4/U5/U6/U7
U12/U13/U14/U15


유사한 부품 번호 - KMM366S1623DTL

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G0 SAMSUNG-KMM366S1623AT-G0 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G2 SAMSUNG-KMM366S1623AT-G2 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G8 SAMSUNG-KMM366S1623AT-G8 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
More results

유사한 설명 - KMM366S1623DTL

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
   PC100 Unbuffered DIMM
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com