전자부품 데이터시트 검색엔진 |
|
2SK3115 데이터시트(PDF) 2 Page - NEC |
|
2SK3115 데이터시트(HTML) 2 Page - NEC |
2 / 8 page Data Sheet D13338EJ2V0DS 2 2SK3115 ELECTRICAL CHARACTERISTICS (TA = 25°C) Characteristics Symbol Test Conditions MIN. TYP. MAX. Unit Zero Gate Voltage Drain Current IDSS VDS = 600 V, VGS = 0 V 100 µA Gate Leakage Current IGSS VGS = ±30 V, VDS = 0 V ±100 nA Gate Cut-off Voltage VGS(off) VDS = 10 V, ID = 1 mA 2.5 3.5 V Forward Transfer Admittance | yfs |VDS = 10 V, ID = 3.0 A 2.0 S Drain to Source On-state Resistance RDS(on) VGS = 10 V, ID = 3.0 A 0.9 1.2 Ω Input Capacitance Ciss VDS = 10 V 1100 pF Output Capacitance Coss VGS = 0 V 200 pF Reverse Transfer Capacitance Crss f = 1 MHz 20 pF Turn-on Delay Time td(on) VDD = 150 V, ID = 3.0 A 18 ns Rise Time tr VGS(on) = 10 V 12 ns Turn-off Delay Time td(off) RG = 10 Ω, RL = 50 Ω 50 ns Fall Time tf 15 ns Total Gate Charge QG VDD = 450 V 26 nC Gate to Source Charge QGS VGS = 10 V 6 nC Gate to Drain Charge QGD ID = 6.0 A 10 nC Body Diode Forward Voltage VF(S-D) IF = 6.0 A, VGS = 0 V 1.0 V Reverse Recovery Time trr IF = 6.0 A, VGS = 0 V 1.4 µs Reverse Recovery Charge Qrr di/dt = 50 A/ µs6.5 µC TEST CIRCUIT 3 GATE CHARGE VGS = 20 → 0 V PG. RG = 25 Ω 50 Ω D.U.T. L VDD TEST CIRCUIT 1 AVALANCHE CAPABILITY PG. D.U.T. RL VDD TEST CIRCUIT 2 SWITCHING TIME RG PG. IG = 2 mA 50 Ω D.U.T. RL VDD ID VDD IAS VDS BVDSS Starting Tch VGS 0 τ = 1 µs Duty Cycle ≤ 1% τ VGS Wave Form VDS Wave Form VGS VDS 10% 0 0 90% 90% 90% VGS(on) VDS ton toff td(on) tr td(off) tf 10% 10% 5 |
유사한 부품 번호 - 2SK3115 |
|
유사한 설명 - 2SK3115 |