전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8354 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8354
상세설명  100 MHz-2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8354 데이터시트(HTML) 5 Page - Analog Devices

  AD8354 Datasheet HTML 1Page - Analog Devices AD8354 Datasheet HTML 2Page - Analog Devices AD8354 Datasheet HTML 3Page - Analog Devices AD8354 Datasheet HTML 4Page - Analog Devices AD8354 Datasheet HTML 5Page - Analog Devices AD8354 Datasheet HTML 6Page - Analog Devices AD8354 Datasheet HTML 7Page - Analog Devices AD8354 Datasheet HTML 8Page - Analog Devices AD8354 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
Typical Performance Characteristics–AD8354
–5–
180
150
120
90
60
30
0
330
300
270
240
210
TPC 1. S11 vs. Frequency, VS = 3 V, TA = 25 C,
100 MHz
≤ f ≤ 3.0 GHz
FREQUENCY (MHz)
0
0
3000
1000
1500
2000
2500
25
20
15
GAIN AT 3.0V
GAIN AT 3.3V
GAIN AT 2.7V
10
5
500
TPC 2. Gain vs. Frequency, VS = 2.7 V, 3.0 V, and
3.3 V, TA = 25 C
FREQUENCY (MHz)
–40
500
1000
–15
–20
–25
–30
–35
S12 AT 3.0V
S12 AT 3.3V
S12 AT 2.7V
1500
2000
2500
3000
–10
–5
0
0
TPC 3. Reverse Isolation vs. Frequency, VS = 2.7 V,
3 V, and 3.3 V, TA = 25 C
180
150
120
90
60
30
0
330
300
270
240
210
TPC 4. S22 vs. Frequency, VS = 3 V, TA = 25 C,
100 MHz
≤ f ≤ 3.0 GHz
FREQUENCY (MHz)
0
500
1000
25
20
15
10
5
GAIN AT –40 C
GAIN AT +85 C
GAIN AT +25 C
1500
2000
2500
3000
0
TPC 5. Gain vs. Frequency, VS = 3 V, TA = –40 C,
+25 C, and +85 C
FREQUENCY (MHz)
–40
500
1000
–15
–20
–25
–30
–35
S12 AT –40 C
1500
2000
2500
3000
–10
–5
0
S12 AT +25 C
S12 AT +85 C
0
TPC 6. Reverse Isolation vs. Frequency, VS = 3 V,
TA = –40 C, +25 C, and +85 C


유사한 부품 번호 - AD8354

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8354 AD-AD8354 Datasheet
364Kb / 16P
   RF Gain Block
AD8354-EVAL AD-AD8354-EVAL Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8354-EVALZ AD-AD8354-EVALZ Datasheet
364Kb / 16P
   RF Gain Block
AD8354ACP-R2 AD-AD8354ACP-R2 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
More results

유사한 설명 - AD8354

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com