전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8344-EVAL 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8344-EVAL
상세설명  Active Receive Mixer 400 MHz to 1.2 GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8344-EVAL 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8344-EVAL Datasheet HTML 6Page - Analog Devices AD8344-EVAL Datasheet HTML 7Page - Analog Devices AD8344-EVAL Datasheet HTML 8Page - Analog Devices AD8344-EVAL Datasheet HTML 9Page - Analog Devices AD8344-EVAL Datasheet HTML 10Page - Analog Devices AD8344-EVAL Datasheet HTML 11Page - Analog Devices AD8344-EVAL Datasheet HTML 12Page - Analog Devices AD8344-EVAL Datasheet HTML 13Page - Analog Devices AD8344-EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8344
Rev. 0 | Page 10 of 20
12
0
2
4
6
8
10
400
500
600
700
800
900
1000
1100
1200
RF FREQUENCY (MHz)
IF = 100MHz
IF = 200MHz
IF = 400MHz
IF = 70MHz
Figure 18. Input P1dB vs. RF Frequency
9.0
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
–10 –9
–8
–7
–6
–5
–4
–3
–2
–1
01234
LO LEVEL (dBm)
Figure 19. Input P1dB vs. LO Power, FRF = 890 MHz, FLO = 1090 MHz
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
–40
80
70
60
50
40
30
20
10
0
–10
–20
–30
TEMPERATURE (
°C)
VS = 4.75V
VS = 5.0V
VS = 5.25V
Figure 20. Input P1dB vs. Temperature, FRF = 890 MHz, FLO = 1090 MHz
10
9
8
7
6
5
4
3
2
1
0
80
120
160
200
240
280
320
360
400
IF FREQUENCY (MHz)
RF = 450MHz
RF = 890MHz
Figure 21. Input P1dB vs. IF Frequency
60
55
50
45
40
35
30
25
20
15
10
5
0
7.0
7.5
8.0
8.5
9.0
9.5
10.0
INPUT P1dB (dBm)
INPUT P1dB PERCENTAGE
NORMAL (MEAN = 8.50,
STD DEV = 0.38)
Figure 22. Input P1dB Distribution, FRF = 890 MHz, FLO = 1090 MHz


유사한 부품 번호 - AD8344-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
More results

유사한 설명 - AD8344-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
AD8342 AD-AD8342 Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Analog Devices
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
Skyworks Solutions Inc.
SKY42068 SKYWORKS-SKY42068 Datasheet
424Kb / 8P
   400-1000 MHz High Dynamic Range Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com