전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 37 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 37 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 33Page - Advanced Micro Devices DS42514 데이터시트 HTML 34Page - Advanced Micro Devices DS42514 데이터시트 HTML 35Page - Advanced Micro Devices DS42514 데이터시트 HTML 36Page - Advanced Micro Devices DS42514 데이터시트 HTML 37Page - Advanced Micro Devices DS42514 데이터시트 HTML 38Page - Advanced Micro Devices DS42514 데이터시트 HTML 39Page - Advanced Micro Devices DS42514 데이터시트 HTML 40Page - Advanced Micro Devices DS42514 데이터시트 HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
DS42514
37
AC CHARACTERISTICS
Flash Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 14 for test specifications.
Parameter
Description
Test Setup
85 ns Speed
Unit
JEDEC
Std
Min
Max
t
AVAV
t
RC
Read Cycle Time (Note 1)
85
ns
t
AVQV
t
ACC
Address to Output Delay
CE#f, OE# = V
IL
85
ns
t
ELQV
t
CE
Chip Enable to Output Delay
OE# = V
IL
85
ns
t
GLQV
t
OE
Output Enable to Output Delay
35
ns
t
EHQZ
t
DF
Chip Enable to Output High Z (Note 1)
16
ns
t
GHQZ
t
DF
Output Enable to Output High Z (Note 1)
16
ns
t
AXQX
t
OH
Output Hold Time From Addresses, CE#f or OE#,
Whichever Occurs First
0ns
t
OEH
Output Enable Hold Time
(Note 1)
Read
0
ns
Toggle and
Data# Polling
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#f
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 14.
Read Operation Timings


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn