전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 40 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 40 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 36Page - Advanced Micro Devices DS42514 데이터시트 HTML 37Page - Advanced Micro Devices DS42514 데이터시트 HTML 38Page - Advanced Micro Devices DS42514 데이터시트 HTML 39Page - Advanced Micro Devices DS42514 데이터시트 HTML 40Page - Advanced Micro Devices DS42514 데이터시트 HTML 41Page - Advanced Micro Devices DS42514 데이터시트 HTML 42Page - Advanced Micro Devices DS42514 데이터시트 HTML 43Page - Advanced Micro Devices DS42514 데이터시트 HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
40
DS42514
AC CHARACTERISTICS
Flash Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
85 ns Speed
Unit
JEDEC
Std
Description
Min
Typ
Max
t
AVAV
t
WC
Write Cycle Time (Note 1)
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
0
ns
t
ASO
Address Setup Time to OE# or
CE#f low during toggle bit
polling
15
ns
t
WLAX
t
AH
Address Hold Time (WE# to Address)
45
ns
t
AHT
Address Hold Time From CE#f or OE# high during toggle bit
polling
0ns
tDVWH
tDS
Data Setup Time
35
ns
tWHDX
tDH
Data Hold Time
0
ns
tOEH
OE# Hold Time
Read
0
ns
Toggle and Data# Polling
10
ns
tOEPH
Output Enable High during toggle bit polling
20
20
20
ns
tGHEL
tGHEL
Read Recovery Time Before Write (OE# High to CE#f Low)
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write (OE# High to WE# Low)
0
ns
tWLEL
tWS
WE# Setup Time (CE#f to WE#)
0
ns
tELWL
tCS
CE#f Setup Time (WE# to CE#f)
0
ns
tEHWH
tWH
WE# Hold Time (CE#f to WE#)
0
ns
tWHEH
tCH
CE#f Hold Time (CE#f to WE#)
0
ns
tWLWH
tWP
Write Pulse Width
35
ns
tELEH
tCP
CE#f Pulse Width
35
ns
tWHDL
tWPH
Write Pulse Width High
30
ns
tSR/W
Latency Between Read and Write Operations
0
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Byte
5
µs
Word
7
tWHWH1
tWHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
4µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
0.7
sec
t
VCS
V
CCf Setup Time (Note 1)
50
µs
t
RB
Write Recovery Time from RY/BY#
0
ns
t
BUSY
Program/Erase Valid to RY/BY# Delay
90
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn