전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 47 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 47 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 43Page - Advanced Micro Devices DS42514 데이터시트 HTML 44Page - Advanced Micro Devices DS42514 데이터시트 HTML 45Page - Advanced Micro Devices DS42514 데이터시트 HTML 46Page - Advanced Micro Devices DS42514 데이터시트 HTML 47Page - Advanced Micro Devices DS42514 데이터시트 HTML 48Page - Advanced Micro Devices DS42514 데이터시트 HTML 49Page - Advanced Micro Devices DS42514 데이터시트 HTML 50Page - Advanced Micro Devices DS42514 데이터시트 HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
DS42514
47
AC CHARACTERISTICS
Alternate CE#f Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
85 ns Speed
JEDEC
Std
Description
Min
Typ
Max
Unit
t
AVAV
t
WC
Write Cycle Time (Note 1)
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
0
ns
t
ASO
Address Setup Time to CE#f Low During Toggle
Bit Polling
15
ns
t
ELAX
t
AH
Address Hold Time
45
ns
t
AHT
Address Hold time from CE#f or OE# High During
Toggle Bit Polling
0ns
tDVEH
tDS
Data Setup Time
35
ns
tEHDX
tDH
Data Hold Time
0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
0ns
t
WLEL
t
WS
WE# Setup Time
0
ns
t
EHWH
t
WH
WE# Hold Time
0
ns
t
ELEH
t
CP
CE#f Pulse Width
35
ns
t
EHEL
t
CPH
CE#f Pulse Width High
35
ns
t
WHWH1
t
WHWH1
Programming Operation
(Note 2)
Byte
5
µs
Word
7
t
WHWH1
t
WHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
4µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
0.7
sec


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn