전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 49 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 49 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 45Page - Advanced Micro Devices DS42514 데이터시트 HTML 46Page - Advanced Micro Devices DS42514 데이터시트 HTML 47Page - Advanced Micro Devices DS42514 데이터시트 HTML 48Page - Advanced Micro Devices DS42514 데이터시트 HTML 49Page - Advanced Micro Devices DS42514 데이터시트 HTML 50Page - Advanced Micro Devices DS42514 데이터시트 HTML 51Page - Advanced Micro Devices DS42514 데이터시트 HTML 52Page - Advanced Micro Devices DS42514 데이터시트 HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
DS42514
49
AC CHARACTERISTICS
SRAM Read Cycle
Note: CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
Figure 28.
SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
Min
Max
Unit
t
RC
Read Cycle Time
85
ns
t
AA
Address Access Time
85
ns
t
CO1, tCO2
Chip Enable to Output
85
ns
t
OE
Output Enable Access Time
45
ns
t
BA
LB#s, UB#s to Valid Output
85
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z Output
10
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
10
ns
t
OLZ
Output Enable to Low-Z Output
5
ns
t
HZ1, tHZ2
Chip disable to High-Z Output
0
25
ns
t
BHZ
UB#s, LB#s Disable to High-Z Output
0
25
ns
t
OHZ
Output Disable to High-Z Output
0
25
ns
t
OH
Output Data Hold from Address Change
15
ns
ddress
ata Out
Previous Data Valid
Data Valid
tAA
tRC
tOH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn