전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 5 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 5 Page - Advanced Micro Devices

  DS42514 데이터시트 HTML 1Page - Advanced Micro Devices DS42514 데이터시트 HTML 2Page - Advanced Micro Devices DS42514 데이터시트 HTML 3Page - Advanced Micro Devices DS42514 데이터시트 HTML 4Page - Advanced Micro Devices DS42514 데이터시트 HTML 5Page - Advanced Micro Devices DS42514 데이터시트 HTML 6Page - Advanced Micro Devices DS42514 데이터시트 HTML 7Page - Advanced Micro Devices DS42514 데이터시트 HTML 8Page - Advanced Micro Devices DS42514 데이터시트 HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
DS42514
5
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
DS42514
Standard Voltage Range: VCC = 2.7–3.3 V
Flash Memory
SRAM
Max Access Time (ns)
85
85
CE# Access (ns)
85
85
OE# Access (ns)
35
45
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#s
VSS
VCCf
RY/BY#
LB#s
UB#s
CIOf
WP#/ACC
CE2s
SA
CIOs
4 Mbit
Static RAM
16 Mbit
Flash Memory
DQ0 to DQ15/A–1
DQ0 to DQ15/A–1
DQ0 to DQ15/A–1
A0 to A19
A0 to A19
A0 to A19
A–1
A0 to A17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn