전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 56 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 56 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 49Page - Advanced Micro Devices DS42514 데이터시트 HTML 50Page - Advanced Micro Devices DS42514 데이터시트 HTML 51Page - Advanced Micro Devices DS42514 데이터시트 HTML 52Page - Advanced Micro Devices DS42514 데이터시트 HTML 53Page - Advanced Micro Devices DS42514 데이터시트 HTML 54Page - Advanced Micro Devices DS42514 데이터시트 HTML 55Page - Advanced Micro Devices DS42514 데이터시트 HTML 56Page - Advanced Micro Devices DS42514 데이터시트 HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
56
DS42514
PHYSICAL DIMENSIONS
FLA069—69-Ball Fine-Pitch Grid Array 8 x 11 mm
8.00 BSC
1.40 (max)
0.20 (min)
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
0.80
7.20 BSC
0.80
7.20 BSC
(69x)
Pin A1
Corner Index Mark
11.00 BSC
0.08
0.15 M
B
M C
CA
0.40
DATUM A
DATUM B
B
A
0.08
0.97
1.07
C
0.20 C
0.15 C
(2x)
0.15 C
(2x)
C
0.40
0.25
0.35


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn