전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 57 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 57 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 49Page - Advanced Micro Devices DS42514 데이터시트 HTML 50Page - Advanced Micro Devices DS42514 데이터시트 HTML 51Page - Advanced Micro Devices DS42514 데이터시트 HTML 52Page - Advanced Micro Devices DS42514 데이터시트 HTML 53Page - Advanced Micro Devices DS42514 데이터시트 HTML 54Page - Advanced Micro Devices DS42514 데이터시트 HTML 55Page - Advanced Micro Devices DS42514 데이터시트 HTML 56Page - Advanced Micro Devices DS42514 데이터시트 HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
DS42514
57
REVISION SUMMARY
Revision A (July 10, 2000)
Initial release as Preliminary Draft.
Revision B (December 13, 2000)
Global
Deleted Preliminary status from document. Added
table of contents.
Command Definitions
Table 12, Command Definitions: The SecSi Sector In-
dicator Bit values have changed from 80h and 00h to
81h and 01h, respectively.
AC Characteristics—Alternate CE#f Controlled
Erase and Program Operations
tWHWH1 Programming Operation: Corrected typical
byte value of 9 µs to 5 µs and the typical word value of
11 µs to 7 µs.
tWHWH1 Accelerated Programming Operation: Cor-
rected typical value of 7 µs to 4 µs.
Revision B+1 (March 7, 2001)
Sector/Sector Block Protection/Unprotection
Added to second paragraph: “Note that the sector un-
protect algorithm unprotects all sectors in parallel. All
previously protected sectors must be individually
re-protected. To change data in protected sectors effi-
ciently, the temporary sector unprotect function is
available. See “Temporary Sector/Sector Block
Unprotect”.”
Customer Lockable: SecSi Sector NOT
Programmed or Protected At the Factory
Added to end of first paragraph: “Note that the acceler-
ated programming (ACC) and unlock bypass functions
are not available when programming the SecSi Sector.”
Common Flash Memory Interface (CFI)
Added to second paragraph: “The CFI Query mode is
not accessible when the device is executing an Em-
bedded Program or embedded erase algorithm.”
Revision B+2 (March 15, 2001)
Added “Am29DL163D Bottom Boot” to the product de-
scription on the top portion of the first page.
Trademarks
Copyright © 2001 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn