전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 10 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 10 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 6Page - Advanced Micro Devices DS42514 데이터시트 HTML 7Page - Advanced Micro Devices DS42514 데이터시트 HTML 8Page - Advanced Micro Devices DS42514 데이터시트 HTML 9Page - Advanced Micro Devices DS42514 데이터시트 HTML 10Page - Advanced Micro Devices DS42514 데이터시트 HTML 11Page - Advanced Micro Devices DS42514 데이터시트 HTML 12Page - Advanced Micro Devices DS42514 데이터시트 HTML 13Page - Advanced Micro Devices DS42514 데이터시트 HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
DS42514
Table 2.
Device Bus Operations—Flash Word Mode, CIOf = V
IH; SRAM Byte Mode, CIOs = VSS
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Other operations except for those indicated in this column are inhibited.
2. Do not apply CE#f = VIL, CE1#s = VIL and CE2s = VIH at the same time.
3. Don’t care or open LB#s or UB#s.
4. If WP#/ACC = V
IL , the boot sectors will be protected. If WP#/ACC = VIH the boot sectors protection will be removed.
If WP#/ACC = V
ACC (9V), the program time will be reduced by 40%.
5. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” section.
6. If WP#/ACC = V
IL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector protection
depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block Protection and
Unprotection”. If WP#/ACC = VHH, all sectors will be unprotected.
Operation
(Notes 1, 2)
CE#f CE1#s CE2s OE# WE#
SA
LB#s
(Note 3)
UB#s
(Note 3)
RESET#
WP#/ACC
(Note 4)
DQ0–DQ7 DQ8–DQ15
Read from Flash
L
HX
LH
X
X
X
H
L/H
D
OUT
D
OUT
XL
Write to Flash
L
HX
H
L
L
X
X
H
(Note 3)
D
IN
D
IN
XL
Standby
V
CC ±
0.3 V
HX
XX
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
XL
Output Disable
HL
H
HH
X
L
X
H
L/H
High-Z
High-Z
HH
X
X
L
L
HX
HH
X
X
X
XL
Flash Hardware
Reset
X
HX
X
X
X
X
X
L
L/H
High-Z
High-Z
XL
Sector Protect
(Note 5)
L
HX
HL
X
X
X
V
ID
L/H
D
IN
X
XL
Sector Unprotect
(Note 5)
L
HX
HL
X
X
X
V
ID
(Note 6)
D
IN
X
XL
Temporary Sector
Unprotect
X
HX
XX
X
X
X
V
ID
(Note 6)
D
IN
High-Z
XL
Read from SRAM
H
L
H
L
H
SA
X
X
H
X
D
OUT
High-Z
Write to SRAM
H
L
H
X
L
SA
X
X
H
X
D
IN
High-Z


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn