전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS42514 데이터시트(HTML) 14 Page - Advanced Micro Devices

부품명 DS42514
상세내용  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

DS42514 데이터시트(HTML) 14 Page - Advanced Micro Devices

Back Button DS42514 데이터시트 HTML 10Page - Advanced Micro Devices DS42514 데이터시트 HTML 11Page - Advanced Micro Devices DS42514 데이터시트 HTML 12Page - Advanced Micro Devices DS42514 데이터시트 HTML 13Page - Advanced Micro Devices DS42514 데이터시트 HTML 14Page - Advanced Micro Devices DS42514 데이터시트 HTML 15Page - Advanced Micro Devices DS42514 데이터시트 HTML 16Page - Advanced Micro Devices DS42514 데이터시트 HTML 17Page - Advanced Micro Devices DS42514 데이터시트 HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
DS42514
Table 5.
Sector Addresses for Bottom Boot Sector Devices
Note: The address range is A19:A-1 in byte mode (CIOf=V
IL) or A19:A0 in word mode (CIOf=VIH). The bank address bits are A19 and A18 for
Am29DL163DB.
Table 6.
SecSi Sector Addresses for Bottom Boot Devices
Sector
Sector Address
A19–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
00000000
8/4
000000h–001FFFh
00000h–00FFFh
SA1
00000001
8/4
002000h–003FFFh
01000h–01FFFh
SA2
00000010
8/4
004000h–005FFFh
02000h–02FFFh
SA3
00000011
8/4
006000h–007FFFh
03000h–03FFFh
SA4
00000100
8/4
008000h–009FFFh
04000h–04FFFh
SA5
00000101
8/4
00A000h–00BFFFh
05000h–05FFFh
SA6
00000110
8/4
00C000h–00DFFFh
06000h–06FFFh
SA7
00000111
8/4
00E000h–00FFFFh
07000h–07FFFh
SA8
00001XXX
64/32
010000h–01FFFFh
08000h–0FFFFh
SA9
00010XXX
64/32
020000h–02FFFFh
10000h–17FFFh
SA10
00011XXX
64/32
030000h–03FFFFh
18000h–1FFFFh
SA11
00100XXX
64/32
040000h–04FFFFh
20000h–27FFFh
SA12
00101XXX
64/32
050000h–05FFFFh
28000h–2FFFFh
SA13
00110XXX
64/32
060000h–06FFFFh
30000h–37FFFh
SA14
00111XXX
64/32
070000h–07FFFFh
38000h–3FFFFh
SA15
01000XXX
64/32
080000h–08FFFFh
40000h–47FFFh
SA16
01001XXX
64/32
090000h–09FFFFh
48000h–4FFFFh
SA17
01010XXX
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA18
01011XXX
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA19
01100XXX
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA20
01101XXX
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA21
01110XXX
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA22
01111XXX
64/32
0F0000h–0FFFFFh
78000h–7FFFFh
SA23
10000XXX
64/32
100000h–10FFFFh
80000h–87FFFh
SA24
10001XXX
64/32
110000h–11FFFFh
88000h–8FFFFh
SA25
10010XXX
64/32
120000h–12FFFFh
90000h–97FFFh
SA26
10011XXX
64/32
130000h–13FFFFh
98000h–9FFFFh
SA27
10100XXX
64/32
140000h–14FFFFh
A0000h–A7FFFh
SA28
10101XXX
64/32
150000h–15FFFFh
A8000h–AFFFFh
SA29
10110XXX
64/32
160000h–16FFFFh
B0000h–B7FFFh
SA30
10111XXX
64/32
170000h–17FFFFh
B8000h–BFFFFh
SA31
11000XXX
64/32
180000h–18FFFFh
C0000h–C7FFFh
SA32
11001XXX
64/32
190000h–19FFFFh
C8000h–CFFFFh
SA33
11010XXX
64/32
1A0000h–1AFFFFh
D0000h–D7FFFh
SA34
11011XXX
64/32
1B0000h–1BFFFFh
D8000h–DFFFFh
SA35
11100XXX
64/32
1C0000h–1CFFFFh
E0000h–E7FFFh
SA36
11101XXX
64/32
1D0000h–1DFFFFh
E8000h–EFFFFh
SA37
11110XXX
64/32
1E0000h–1EFFFFh
F0000h–F7FFFh
SA38
11111XXX
64/32
1F0000h–1FFFFFh
F8000h–FFFFFh
Device
Sector Address
A19–A12
Sector
Size
(x8)
Address Range
(x16)
Address Range
Am29DL163DB
00000XXX
64/32
000000h–00FFFFh
00000h–07FFFh


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn