전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSM12U 데이터시트(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

부품명 GSM12U
상세설명  12W AC-DC Reliable Green Medical Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM12U 데이터시트(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GSM12U Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Derating Curve
Static Characteristics
INPUT VOLTAGE
80
115
100
130
120
160
140
200
180
240
220
264
90
100
80
70
60
50
40
File Name:GSM12U-SPEC 2018-09-28
Ta (
)
-20
10
20
30
40
50
100
50
70
70
GSM12U series
12W AC-DC Reliable Green Medical Adaptor
Mechanical Specification
UL2468 22AWG 1200
mm for 9V
+/-
150 0
UL2468 18AWG 1000
mm for 5~7.5V
+150/-0
UL2468 24AWG 1800
mm for 12V~48V
+/-
150 0
62.2
※Cable Connection
Unit:mm
※USB Connection
USB Type A
4
3
2
1
+V
N.C
N.C
-V
62.2
2 pole USA plug


유사한 부품 번호 - GSM12U

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
GSM120B MEANWELL-GSM120B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B12-R7B MEANWELL-GSM120B12-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B15-R7B MEANWELL-GSM120B15-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B20-R7B MEANWELL-GSM120B20-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
More results

유사한 설명 - GSM12U

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
GSM12E MEANWELL-GSM12E Datasheet
497Kb / 5P
   12W AC-DC Reliable Green Medical Adaptor
GSM06E MEANWELL-GSM06E Datasheet
480Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
GSM160A MEANWELL-GSM160A Datasheet
760Kb / 5P
   160W AC-DC Reliable Green Medical Adaptor
GSM06U MEANWELL-GSM06U Datasheet
475Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
GSM40B MEANWELL-GSM40B Datasheet
871Kb / 5P
   40W AC-DC Reliable Green Medical Adaptor
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
GSM220A MEANWELL-GSM220A Datasheet
770Kb / 5P
   220W AC-DC Reliable Green Medical Adaptor
GSM90A MEANWELL-GSM90A Datasheet
789Kb / 5P
   90W AC-DC Reliable Green Medical Adaptor
GEM40I MEANWELL-GEM40I Datasheet
523Kb / 5P
   40W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM06I MEANWELL-GEM06I Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com