전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CEEH86 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 CEEH86
상세설명  Pulse transformer for Automobiles
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEEH86 데이터시트(HTML) 1 Page - Sumida Corporation

  CEEH86 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CEEH86
Rev 1.1 ( July 24,.2016)
www.sumida.com
Page 1 of 1
◆ Outline
 Pulse transformer for Automobiles.
◆ Application
 Battery management system of automobiles
◆ Features
 SMD Type and 8.5mm square.
 low-profile 7mm Maximum.
 High withstand Voltage
: 2,500Vrms
 Operating temperature
: - 40deg. ~ +125deg.
Specifications
Sumida Part name
CEEH86-370
CEEH86-580
CEEH86-840
CEEH86-111
CEEH86-151
Testing condition
Part name
-
-
-
-
CEEH86P2
Inductance
(1-3)
24
~ 52 μH
37 ~ 79 μH
54 ~ 114 μH
74 ~ 155 μH
96 ~ 202 μH
10 kHz, 20mV
Stray
Capacitance
(1-3)
*Max.4.0 pF
*Max.4.3 pF
Max.4.5 pF
Max.4.9 pF
Max.5.2 pF
40 MHz, 20mV
*50 MHz, 20mV
Interwinding
Capacitance
(1~3 : 4~6)
Max.1.4 pF
Max.1.4 pF
Max.1.5 pF
Max.1.5 pF
Max.1.6 pF
100 kHz,100mV
Leakage
Inductance
(1-3)
Max.1.2 μH
Max.1.9 μH
Max.2.7 μH
Max.3.6 μH
Max.4.7 μH
100 kHz, 20mV
D.C.R.
(1-3)
Max.0.29 ohm
Max.0.37 ohm
Max.0.44 ohm
Max.0.51 ohm
Max.0.58 ohm
at 20 deg.
Rated Current
(1-3)
DC 0.46A
DC 0.41A
DC 0.37A
DC 0.35A
DC 0.33A
Withstand
Voltage
(1~3 : 4~6)
AC 2,500V / DC 3,500V
60sec
0.5mA,
50Hz/60Hz
Working Voltage
-
Max. DC 600V
-
Turn Ratio
(1~3 : 4~6)
1:1
-
Dimension (mm)
Connection
Land Patterns (mm)
Bottom view


유사한 부품 번호 - CEEH86

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CEEH1011 SUMIDA-CEEH1011 Datasheet
229Kb / 1P
   xDSL POTs Splitter< SMD Type: CEEH Series>
CEEH126 SUMIDA-CEEH126 Datasheet
91Kb / 1P
   DC-DC CONVERTER?늆MD?
CEEH1310 SUMIDA-CEEH1310 Datasheet
145Kb / 2P
   Current Sense Transformer
CEEH1310C SUMIDA-CEEH1310C Datasheet
187Kb / 1P
   Current Transformer
CEEH1310CNP-100 SUMIDA-CEEH1310CNP-100 Datasheet
187Kb / 1P
   Current Transformer
More results

유사한 설명 - CEEH86

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CEEH96B SUMIDA-CEEH96B Datasheet
227Kb / 1P
   Pulse transformer for Automobiles
CEEH66 SUMIDA-CEEH66 Datasheet
169Kb / 1P
   Pulse transformer for Automobiles.
CEP1112 SUMIDA-CEP1112 Datasheet
230Kb / 1P
   Pulse transformer for Industry
CEP1112 SUMIDA-CEP1112_17 Datasheet
421Kb / 2P
   Pulse transformer for Industry.
CLP0917 SUMIDA-CLP0917 Datasheet
57Kb / 1P
   LAN pulse transformer for 1000Base
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com