전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NV34C02WF 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NV34C02WF
상세설명  EEPROM SPD 2-kb I2C
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV34C02WF 데이터시트(HTML) 1 Page - ON Semiconductor

  NV34C02WF Datasheet HTML 1Page - ON Semiconductor NV34C02WF Datasheet HTML 2Page - ON Semiconductor NV34C02WF Datasheet HTML 3Page - ON Semiconductor NV34C02WF Datasheet HTML 4Page - ON Semiconductor NV34C02WF Datasheet HTML 5Page - ON Semiconductor NV34C02WF Datasheet HTML 6Page - ON Semiconductor NV34C02WF Datasheet HTML 7Page - ON Semiconductor NV34C02WF Datasheet HTML 8Page - ON Semiconductor NV34C02WF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2018
May, 2018 − Rev. 0
1
Publication Order Number:
NV34C02WF/D
NV34C02WF
EEPROM SPD 2-kb I2C for
DDR2 DIMM
Description
The NV34C02WF is a EEPROM Serial 2−kb, internally organized
as 16 pages of 16 bytes each, for a total of 256 bytes of 8 bits each.
It features a 16−byte page write buffer and supports both the
Standard (100 kHz) as well as Fast (400 kHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory) or by setting an internal Write Protect flag
via Software command (this protects the lower half of the memory).
In addition to Permanent Software Write Protection, the
NV34C02WF also features JEDEC compatible Reversible
Software Write Protection for DDR2 Serial Presence Detect (SPD)
applications operating over the 1.7 V to 3.6 V supply voltage range.
The NV34C02WF is fully backwards compatible with earlier
DDR1 SPD applications operating over the 1.7 V to 5.5 V supply
voltage range.
Features
Supports Standard and Fast I2C Protocol
1.7 V to 5.5 V Supply Voltage Range
16−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Software Write Protection for Lower 128 Bytes
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Automotive Grade 1 Temperature Range
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant*
Figure 1. Functional Symbol
SDA
SCL
WP
NV34C02WF
VCC
VSS
A2, A1, A0
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
www.onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
1
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
SCL
US8 (U)
UDFN8
U SUFFIX
CASE 517DH
Device Address Input
A0, A1, A2
Serial Data Input/Output
SDA
Serial Clock Input
SCL
Write Protect Input
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
1
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
XXXXX
AWLYWG
1
PART MARKING
VSS
A2
A1
A0


유사한 부품 번호 - NV34C02WF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NV34C04 ONSEMI-NV34C04 Datasheet
112Kb / 12P
   EEPROM Serial 4-Kb SPD Automotive Grade 1
September, 2018 ??Rev. 0
NV34C04MU3VTG ONSEMI-NV34C04MU3VTG Datasheet
112Kb / 12P
   EEPROM Serial 4-Kb SPD Automotive Grade 1
September, 2018 ??Rev. 0
NV34C04MUW3VTG ONSEMI-NV34C04MUW3VTG Datasheet
112Kb / 12P
   EEPROM Serial 4-Kb SPD Automotive Grade 1
September, 2018 ??Rev. 0
More results

유사한 설명 - NV34C02WF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_18 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
N34C04 ONSEMI-N34C04_18 Datasheet
198Kb / 13P
   EEPROM Serial 4-Kb SPD
May, 2018 ??Rev. 2
CAT24AA01 ONSEMI-CAT24AA01_18 Datasheet
219Kb / 11P
   EEPROM Serial 1/2-Kb I2C
April, 2018 ??Rev. 6
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
   Memory module temperature sensor with a 2 Kb SPD EEPROM
logo
ON Semiconductor
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com