전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NV93C86WF 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 NV93C86WF
상세설명  EEPROM Serial 16-Kb Microwire
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV93C86WF 데이터시트(HTML) 3 Page - ON Semiconductor

  NV93C86WF Datasheet HTML 1Page - ON Semiconductor NV93C86WF Datasheet HTML 2Page - ON Semiconductor NV93C86WF Datasheet HTML 3Page - ON Semiconductor NV93C86WF Datasheet HTML 4Page - ON Semiconductor NV93C86WF Datasheet HTML 5Page - ON Semiconductor NV93C86WF Datasheet HTML 6Page - ON Semiconductor NV93C86WF Datasheet HTML 7Page - ON Semiconductor NV93C86WF Datasheet HTML 8Page - ON Semiconductor NV93C86WF Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NV93C86WF
www.onsemi.com
3
Table 5. POWER−UP TIMING (Notes 4, 5)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
Table 6. A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V ≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V ≤ VCC ≤ 5.5 V
Input Pulse Voltages
0.2 VCC to 0.7 VCC
2.5 V ≤ VCC ≤ 4.5 V
Timing Reference Voltages
0.5 VCC
2.5 V ≤ VCC ≤ 4.5 V
Output Load
Current Source IOLmax/IOHmax; CL = 100 pF
4. These parameters are tested initially and after a design or process change that affects the parameter.
5. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
6. The input levels and timing reference points are shown in the “A.C. Test Conditions” table.
Table 7. A.C. CHARACTERISTICS (VCC = +2.5 V to +5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Units
tCSS
CS Setup Time
50
ns
tCSH
CS Hold Time
0
ns
tDIS
DI Setup Time
100
ns
tDIH
DI Hold Time
100
ns
tPD1
Output Delay to 1
0.25
ms
tPD0
Output Delay to 0
0.25
ms
tHZ (Note 7)
Output Delay to High−Z
100
ns
tEW
Program/Erase Pulse Width
5
ms
tCSMIN
Minimum CS Low Time
0.25
ms
tSKHI
Minimum SK High Time
0.25
ms
tSKLOW
Minimum SK Low Time
0.25
ms
tSV
Output Delay to Status Valid
0.25
ms
SKMAX
Maximum Clock Frequency
DC
2000
kHz
7. This parameter is tested initially and after a design or process change that affects the parameter.
Table 8. INSTRUCTION SET
Instruction
Start
Bit
Opcode
Address
Data
Comments
x8
x16
x8
x16
READ
1
10
A10−A0
A9−A0
Read Address AN– A0
ERASE
1
11
A10−A0
A9−A0
Clear Address AN– A0
WRITE
1
01
A10−A0
A9−A0
D7−D0
D15−D0
Write Address AN– A0
EWEN
1
00
11XXXXXXXXX
11XXXXXXXX
Write Enable
EWDS
1
00
00XXXXXXXXX
00XXXXXXXX
Write Disable
ERAL
1
00
10XXXXXXXXX
10XXXXXXXX
Clear All Addresses
WRAL
1
00
01XXXXXXXXX
01XXXXXXXX
D7−D0
D15−D0
Write All Addresses


유사한 부품 번호 - NV93C86WF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NV93C46BMUW3VTBG ONSEMI-NV93C46BMUW3VTBG Datasheet
162Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV93C46RBMUW3VTBG ONSEMI-NV93C46RBMUW3VTBG Datasheet
162Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV93C46WF ONSEMI-NV93C46WF Datasheet
162Kb / 11P
   EEPROM
May, 2018 ??Rev. 1
NV93C76BMUW3VTBG ONSEMI-NV93C76BMUW3VTBG Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
More results

유사한 설명 - NV93C86WF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86SI ONSEMI-CAT93C86SI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAV93C86 ONSEMI-CAV93C86 Datasheet
151Kb / 9P
   16 Kb Microwire Serial EEPROM
May, 2013 ??Rev. 0
CAT93C86W ONSEMI-CAT93C86W Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86 ONSEMI-CAT93C86_14 Datasheet
98Kb / 10P
   16 Kb Microwire Serial EEPROM
December, 2014 ??Rev. 13
CAT93C86VI ONSEMI-CAT93C86VI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com