전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2907AUB 데이터시트(PDF) 2 Page - TT Electronics.

부품명 2N2907AUB
상세설명  Surface Mount PNP General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N2907AUB 데이터시트(HTML) 2 Page - TT Electronics.

  2N2907AUB Datasheet HTML 1Page - TT Electronics. 2N2907AUB Datasheet HTML 2Page - TT Electronics. 2N2907AUB Datasheet HTML 3Page - TT Electronics. 2N2907AUB Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Surface Mount PNP General
Purpose Transistor
2N2907AUB (TX, TXV)
Issue D
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Collector‐Base  Voltage  
60V 
Collector‐Emi er Voltage 
60V 
Emi er‐Base Voltage 
5.0V 
Collector Current‐Con nuous 
600mA 
Opera ng Junc on Temperature (TJ) ‐65° C to +200 °C 
Storage Junc on Temperature (Tstg) ‐65° C to +200° C 
Power Dissipa on @ TA = 25°C 
0.5 W 
Power Dissipa on @ Tc = 25° C 
1.00 W
(1) 
Soldering Temperature (vapor phase reflow for 30 seconds) 
215° C 
Soldering Temperature (heated collet for 5 seconds) 
260° C 
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
OFF CHARACTERISTICS  
V(BR)CBO 
Collector‐Base Breakdown Voltage 
60 ‐ 
IC = 10 µA, IE = 0 
V(BR)CEO 
Collector‐Emi er Breakdown Voltage 
60 ‐ 
IC = 10 mA, IB = 0
(2) 
V(BR)EBO 
Emi er‐Base Breakdown Voltage 
5.0 ‐ 
IE = 10 µA, IC = 0 
ICBO  
Collector‐Base Cutoff Current  
 
10 
µA 
VCB = 50 V, IE = 0 
 
10 
µA 
VCB = 50 V, IE = 0, TA = 150° C 
IEBO 
Emi er‐Base Cutoff Current  
10 
µA 
VCE = 4.0 V, IC = 0   
ICES 
Collector Emi er Cutoff Current  
10 
nA 
VEB = 50 V   
ON CHARACTERISTICS  
hFE  
75  
‐ 
VCE = 10 V, IC = 0.1 mA 
100 
450 ‐ 
VCE = 10 V, IC = 1.0 mA 
100  
‐ 
VCE = 10 V, IC = 10 mA 
100 
300 ‐ 
VCE = 10 V, IC = 150 mA
(2) 
50  
‐ 
VCE = 10 V, IC = 500 mA
(2) 
50  
‐ 
VCE = 10 V, IC = 1.0 mA, TA = ‐55°C 
Forward‐Current Transfer Ra o 
Note: 
1. Derate linearly 6.6 mW/°C above 25° C  
2. Pulse Width ≤300 µs, Duty Cycle ≤ 2.0% 


유사한 부품 번호 - 2N2907AUB

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N2907AUB SEMICOA-2N2907AUB Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
2N2907AUB SEMICOA-2N2907AUB Datasheet
47Kb / 2P
   Type 2N2907AUB Geometry 0600 Polarity PNP
logo
Microsemi Corporation
2N2907AUB MICROSEMI-2N2907AUB Datasheet
68Kb / 2P
   PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2907AUB SEMICOA-2N2907AUB Datasheet
235Kb / 2P
   Silicon PNP Transistor
logo
Microsemi Corporation
2N2907AUB MICROSEMI-2N2907AUB Datasheet
105Kb / 6P
   RADIATION HARDENED
More results

유사한 설명 - 2N2907AUB

제조업체부품명데이터시트상세설명
logo
Micropac Industries
61083 MICROPAC-61083 Datasheet
83Kb / 2P
   SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
61089 MICROPAC-61089 Datasheet
82Kb / 2P
   SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
REV 3
logo
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB709-RT1G ONSEMI-MSB709-RT1G Datasheet
39Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
June, 2005 ??Rev. 6
logo
E-Tech Electronics LTD
MSB710 ETL-MSB710 Datasheet
75Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
Leshan Radio Company
MSB710-RT1 LRC-MSB710-RT1 Datasheet
38Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
LMSB709LT1 LRC-LMSB709LT1 Datasheet
44Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com