전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74LCX07MTC 데이터시트(HTML) 7 Page - ON Semiconductor

부품명 74LCX07MTC
상세내용  Low Voltage Hex Buffer with Open Drain Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

74LCX07MTC 데이터시트(HTML) 7 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 13 page
 7 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
AC Loading and Waveforms
Figure 1. AC Test Circuit (CL includes probe and jig capacitance)
3-STATE Output Low Enable and
trise and tfall
Disable Times for Logic
Figure 2. Waveforms (Input Pulse Characteristics; f =1MHz, tr = tf = 3ns)
Test
Switch
tPZL, tPLZ
VCC x 2 at VCC = 5.0 ± 0.5V
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
Symbol
VCC
5.0V ± 0.5V
3.3V ± 0.3V
2.7V
2.5V ± 0.2V
Vmi
VCC / 2
1.5V
1.5V
VCC / 2
Vmo
VCC / 2
1.5V
1.5V
VCC / 2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH – 0.3V
VOH – 0.3V
VOH – 0.3V
VOH – 0.15V
74LCX07 Rev. 1.11.1
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn