전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE980 데이터시트(PDF) 2 Page - NTE Electronics

부품명 NTE980
상세설명  Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE980 데이터시트(HTML) 2 Page - NTE Electronics

  NTE980 Datasheet HTML 1Page - NTE Electronics NTE980 Datasheet HTML 2Page - NTE Electronics NTE980 Datasheet HTML 3Page - NTE Electronics NTE980 Datasheet HTML 4Page - NTE Electronics NTE980 Datasheet HTML 5Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Recommended Operating Conditions: (TA = –40° to +85°C)
Parameter
Min
Typ
Max
Unit
Supply Voltage Range VCO Section:
As Fixed Oscillator
3
18
V
Phase–Lock–Loop Operation
5
18
V
Supply Voltage Range Phase Comparator Section:
Comparators
3
18
V
VCO Operation
5
18
V
Static Electrical Characteristics: (TA = +25°C unless otherwise specified)
Test Conditions
Parameter
Symbol
VO
VIN
VDD
Min
Typ
Max
Unit
VCO Section
Output Low (Sink) Current
IOLMin
400mV
0V, 5V
5V
0.51
1.0
mA
500mV
0V, 10V
10V
1.3
2.6
mA
1.5V
0V, 15V
15V
3.4
6.8
mA
Output High (Source) Current
IOHMin
4.6V
0V, 5V
5V
–0.51
–1.0
mA
2.5V
0V, 5V
5V
–1.6
–3.2
mA
9.5V
0V, 10V
10V
–1.3
–2.6
mA
13.5V
0V, 15V
15V
–3.4
–6.8
mA
Output Voltage: Low–Level
VOLMax
Pin4
0V, 5V
5V
0
0.05
V
driving
CMOS
0V, 10V
10V
0
0.05
V
CMOS
0V, 15V
15V
0
0.05
V
Output Voltage: High–Level
VOHMax
e.g.
0V, 5V
5V
4.95
5.0
V
Pin3
0V, 10V
10V
9.95
10.0
V
0V, 15V
15V
14.95
15.0
V
Input Current
IINMax
0V, 18V
18V
±10–5
±0.1
µA
Phase Comparator Section
Total Device Current
IDDMax
0V, 5V
5V
0.1
0.2
mA
Pin14 = Open, Pin5 = VDD
0V, 10V
10V
0.5
1.0
mA
0V, 15V
15V
0.75
1.5
mA
0V, 20V
20V
2.0
4.0
mA
Pin14 = VSS or VDD, Pin5 = VDD
0V, 5V
5V
10.0
20.0
µA
0V, 10V
10V
20.0
40.0
µA
0V, 15V
15V
40.0
80.0
µA
0V, 20V
20V
80.0
160.0
µA
Output Low (Sink) Current
IOLMin
400mV
0V, 5V
5V
0.51
1.0
mA
500mV
0V, 10V
10V
1.3
2.6
mA
1.5V
0V, 15V
15V
3.4
6.8
mA
Output High (Source) Current
IOHMin
4.6V
0V, 5V
5V
–0.51
–1.0
mA
2.5V
0V, 5V
5V
–1.6
–3.2
mA
9.5V
0V, 10V
10V
–1.3
–2.6
mA
13.5V
0V, 15V
15V
–3.4
–6.8
mA


유사한 부품 번호 - NTE980

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE98 NTE-NTE98 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE981 NTE-NTE981 Datasheet
24Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE983 NTE-NTE983 Datasheet
19Kb / 2P
   Integrated Circuit Low Noise Dual Preamp
NTE984 NTE-NTE984 Datasheet
23Kb / 3P
   Integrated Circuit TV Video IF System
NTE985 NTE-NTE985 Datasheet
87Kb / 3P
   Integrated Circuit TV Luminance Processor
More results

유사한 설명 - NTE980

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY241V8A-11 CYPRESS-CY241V8A-11 Datasheet
481Kb / 9P
   Integrated phase locked loop (PLL)
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
NTE Electronics
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
   Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
   Micropower Phase-Locked Loop
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
NTE Electronics
NTE843 NTE-NTE843 Datasheet
20Kb / 2P
   Integrated Circuit TV Video IF Phase Locked Loop (PLL) Synchronous Detector
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com