전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8130-EVAL 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8130-EVAL
상세설명  Low-Cost 270 MHz Differential Receiver Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8130-EVAL 데이터시트(HTML) 4 Page - Analog Devices

  AD8130-EVAL Datasheet HTML 1Page - Analog Devices AD8130-EVAL Datasheet HTML 2Page - Analog Devices AD8130-EVAL Datasheet HTML 3Page - Analog Devices AD8130-EVAL Datasheet HTML 4Page - Analog Devices AD8130-EVAL Datasheet HTML 5Page - Analog Devices AD8130-EVAL Datasheet HTML 6Page - Analog Devices AD8130-EVAL Datasheet HTML 7Page - Analog Devices AD8130-EVAL Datasheet HTML 8Page - Analog Devices AD8130-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. 0
–4–
AD8129/AD8130–SPECIFICATIONS
Model
AD8129A
AD8130A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VOUT
≤ 0.3 V p-p
160
185
220
250
MHz
VOUT = 1 V p-p
160
185
180
205
MHz
Bandwidth for 0.1 dB Flatness
VOUT
≤ 0.3 V p-p, SOIC/µSOIC
25/40
25
MHz
Slew Rate
VOUT = 2 V p-p, 25% to 75%
810
930
810
930
V/
µs
Settling Time
VOUT = 2 V p-p, 0.1%
20
20
ns
Rise and Fall Time
VOUT
≤ 1 V p-p, 10% to 90%
1.8
1.5
ns
Output Overdrive Recovery
20
30
ns
NOISE/DISTORTION
Second Harmonic/Third Harmonic
VOUT = 1 V p-p, 5 MHz
–68/–75
–72/–79
dBc
VOUT = 2 V p-p, 5 MHz
–62/–64
–65/–71
dBc
VOUT = 1 V p-p, 10 MHz
–63/–70
–60/–62
dBc
VOUT = 2 V p-p, 10 MHz
–56/–58
–68/–68
dBc
IMD
VOUT = 2 V p-p, 10 MHz
–67
–70
dBc
Output IP3
VOUT = 2 V p-p, 10 MHz
25
26
dBm
Input Voltage Noise (RTI)
f
≥ 10 kHz
4.5
12.3
nV/
√Hz
Input Current Noise (+IN, –IN)
f
≥ 100 kHz
1
1
pA/
√Hz
Input Current Noise (REF, FB)
f
≥ 100 kHz
1.4
1.4
pA/
√Hz
Differential Gain Error
AD8130, G = 2, NTSC 100 IRE, RL
≥ 150 Ω
0.3
0.13
%
Differential Phase Error
AD8130, G = 2, NTSC 100 IRE, RL
≥ 150 Ω
0.1
0.15
Degrees
INPUT CHARACTERISTICS
Common-Mode Rejection Ratio
DC to 100 kHz, VCM = 1.5 V to 3.5 V
86
96
86
96
dB
VCM = 1 V p-p @ 1 MHz
80
80
dB
VCM = 1 V p-p @ 10 MHz
70
70
dB
CMRR with VOUT = 1 V p-p
VCM = 1 V p-p @ 1 kHz, VOUT =
±0.5 V dc
80
72
dB
Common-Mode Voltage Range
V+IN – V–IN = 0 V
1.25 to 3.7
1.25 to 3.8
V
Differential Operating Range
± 0.5
± 2.5
V
Differential Clipping Level
± 0.6
± 0.75
± 0.85
± 2.3
± 2.8
± 3.3
V
Resistance
Differential
1
6
M
Common-Mode
4
4
M
Capacitance
Differential
3
3
pF
Common-Mode
4
4
pF
DC PERFORMANCE
Closed-Loop Gain Error
VOUT =
± 1 V, R
L
≥ 150 Ω± 0.25
± 1.25
± 0.1
± 0.6
%
TMIN to TMAX
20
20
ppm/
°C
Open-Loop Gain
VOUT =
± 1 V
86
71
dB
Gain Nonlinearity
VOUT =
± 1 V
250
200
ppm
Input Offset Voltage
0.2
0.8
0.4
1.8
mV
TMIN to TMAX
210
µV/°C
TMIN to TMAX
1.4
3.5
mV
Input Offset Voltage vs. Supply
+VS = 5 V, –VS = –0.5 V to +0.5 V
–88
–80
–74
–70
dB
–VS = 0 V, +VS = +4.5 V to +5.5 V
–100
–86
–90
–76
dB
Input Bias Current (+IN, –IN)
± 0.5
± 2
± 0.5
± 2
µA
Input Bias Current (REF, FB)
± 1
± 3.5
± 1
± 3.5
µA
TMIN to TMAX (+IN, –IN, REF, FB)
5
5
nA/
°C
Input Offset Current
(+IN, –IN, REF, FB)
± 0.08
± 0.4
± 0.08
± 0.4
µA
TMIN to TMAX
0.2
0.2
nA/
°C
OUTPUT PERFORMANCE
Voltage Swing
RLOAD
≥ 150 Ω
1.1
3.9
1.1
3.9
V
Output Current
35
35
mA
Short Circuit Current
To Common
–60/+55
–60/+55
mA
TMIN to TMAX
–240
–240
µA/°C
Output Impedance
PD
≤ V
IL, In Power-Down Mode
10
10
pF
POWER SUPPLY
Operating Voltage Range
Total Supply Voltage
±2.25
±12.6
±2.25
±12.6
V
Quiescent Supply Current
9.9
10.6
9.9
10.6
mA
TMIN to TMAX
33
33
µA/°C
PD
≤ VIL
0.65
0.85
0.65
0.85
mA
PD
≤ V
IL, TMIN to TMAX
11
mA
PD PIN
VIH
+VS – 1.5
+VS – 1.5
V
VIL
+VS – 2.5
+VS – 2.5 V
IIH
PD = Min V
IH
–30
–30
µA
IIL
PD = Max V
IL
–50
–50
µA
Input Resistance
PD
≤ +V
S – 3 V
12.5
12.5
k
PD
≥ +VS – 2 V
100
100
k
Enable Time
0.5
0.5
µs
Specifications subject to change without notice.
(AD8129 G = 10, AD8130 G = 1, TA = 25 C, +VS = 5 V, –VS = 0 V, REF = 2.5 V, PD
≥ VIH, RL = 1 k , CL = 2 pF
unless otherwise noted. TMIN to TMAX = –40 C to +85 C, unless otherwise noted.)
5 V SPECIFICATIONS


유사한 부품 번호 - AD8130-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8130 AD-AD8130 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR AD-AD8130AR Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL AD-AD8130AR-REEL Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL7 AD-AD8130AR-REEL7 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARM AD-AD8130ARM Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

유사한 설명 - AD8130-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com