전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS6333UR25D3 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 GS6333UR25D3
상세설명  3 Pin, Low-Power, P Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6333UR25D3 데이터시트(HTML) 6 Page - Vishay Siliconix

  GS6333UR25D3 Datasheet HTML 1Page - Vishay Siliconix GS6333UR25D3 Datasheet HTML 2Page - Vishay Siliconix GS6333UR25D3 Datasheet HTML 3Page - Vishay Siliconix GS6333UR25D3 Datasheet HTML 4Page - Vishay Siliconix GS6333UR25D3 Datasheet HTML 5Page - Vishay Siliconix GS6333UR25D3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GS6332andGS6333
VishaySemiconductors
formerlyGeneralSemiconductor
wwwvishaycom
DocumentNumber74810
6
22-May-02
Ratingsand
CharacteristicCurves(TA=25°Cunlessotherwisenoted)
40
--20
10
70
--50
130
100
0
0.1
0.2
0.4
0.5
020
--20
40
--40
60
80
100
0.3
Fig. 9 – Threshold Hysteresis
vs. Temperature
Temperature (
°C)
Fig. 10 – Reset VOL vs. Temperature
Temperature (
°C)
0.220
0.225
0.230
0.235
0.240
0.245
0.250
0.255
0.260
0.265
GS6333URxxDx
0.15
1
2
3
Top View
3.10
2.70
3.00
2.60
1.80
1.40
1.25
0.70
1.90
(TYP.)
0.25
0.10
0.50
0.35
1.40
1.00
θ1 9°
1
°
0.55
0.35
SOT-23CaseOutline
Dimensionsinmillimeters
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
MountingPadLayout


유사한 부품 번호 - GS6333UR25D3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS6-1 ETC2-GS6-1 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-10 ETC2-GS6-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-16 ETC2-GS6-16 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-2.5 ETC2-GS6-2.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-25 ETC2-GS6-25 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

유사한 설명 - GS6333UR25D3

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com