์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC58NS256DC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Toshiba Semiconductor

๋ถ€ํ’ˆ๋ช… TC58NS256DC
์ƒ์„ธ๋‚ด์šฉ  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT (32M ยฎ8 BITS) CMOS NAND E2PROM (32M BYTE SmartMediaTM)
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TOSHIBA [Toshiba Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.semicon.toshiba.co.jp/eng
Logo 

TC58NS256DC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 18 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 33 page
 18 / 33 page
background image
TC58NS256DC
2000-08-27
18/33
DEVICE OPERATION
Read Mode (1)
Read mode (1) is set when a 00H command is issued to the Command register. Refer to Figure 3 below for
timing details and the block diagram.
Read Mode (2)
BY
/
RY
WE
CLE
RE
M
N
Start-address input
Busy
00H
CE
ALE
I/O
Cell array
Select page
N
M
Figure 3. Read mode (1) operation
527
A data transfer operation from the cell array to the register
starts on the rising edge of WE in the third cycle (after the
address information has been latched). The device will be in
Busy state during this transfer period. The CE signal must
stay Low after the third address input and during Busy state.
After the transfer period the device returns to Ready state.
Serial data can be output synchronously with the RE clock
from the start pointer designated in the address input cycle.
BY
/
RY
WE
CLE
RE
M
N
Start-address input
Busy
01H
CE
ALE
I/O
Cell array
Select page
N
M
Figure 4. Read mode (2) operation
527
The operation of the device after input of the 01H command is
the same as that of Read mode (1). If the start pointer is to be
set after column address 256, use Read mode (2).
However, for a Sequential Read, output of the next page
starts from column address 0.
256


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn