전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD106A 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 2SD106A
상세설명  Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

2SD106A 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  2SD106A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The 2SD 106A is an ultra-compact dual SCALE driver for IGBTs with
blocking voltages up to 1200V. The two drive channels feature an electrical
isolation between the control electronics and the power section.
Each channel is equipped with a programmable Vce monitoring function for
protection against short circuit and over-current. The driver supplies a
gate current of +/-6A. The gate voltage is +/-15V. The integrated DC/DC
converter supplies a drive power of 1 W per channel.
The interface is compatible to all logic families (5...15V). The driver can be
operated in two modes: either with two independent driver channels or as a
half-bridge driver with internal dead-time generation.
Parameter
min
typ
max
unit
Nominal supply voltage VDC, VDD
15
Vdc
Supply current without load IDC + IDD
35
mA
Supply current with maximal load Last IDC + IDD
170
mA
Output power DC/DC converter (both channels)
2
W
Efficiency DC/DC converter
85
%
Delay time input to output (turn on)
300
ns
Delay time input to output (turn off)
350
ns
Peak output current (gate current) IG
-6
+6
A
Output rise time
100
ns
Output fall time
80
ns
Isolation test voltage (Vac/50Hz/1min)
4000
Vac
Partial discharge extinction voltage acc. IEC270
>1200
Vpeak
Creep paht input to output
12,7
mm
Guaranteed dv/dt immunity (input to output) dV/dt
100
kV/µs
Operating temperature 2SD106AI
-40
+85
°C
Operating temperature 2SD106AN
0
+70
°C
CT-Concept Technology Ltd. - 2SD106A - 2 channel driver for IGBTs up to 1200V
http://local/cd-rom/english/products/2SD106/2SD106A.htm (1 von 2) [26.05.1999 22:57:33]


유사한 부품 번호 - 2SD106A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
   2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
More results

유사한 설명 - 2SD106A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
   Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
   2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
6SD106E ETC1-6SD106E Datasheet
376Kb / 12P
   Six-pack SCALE Driver for IGBTs and Power MOSFETs
logo
IXYS Corporation
IXGR55N120A3H1 IXYS-IXGR55N120A3H1 Datasheet
101Kb / 2P
   Ultra-Low-Vsat PT IGBTs for up to 3kHz Switching
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
   GenX3 1200V IGBTs
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com