전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD17NF03LT4 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STD17NF03LT4
상세설명  N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD17NF03LT4 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STD17NF03LT4 Datasheet HTML 6Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 7Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 8Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 9Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 10Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 11Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 12Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 13Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STD17NF03L - STD17NF03L-1
10/14
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


유사한 부품 번호 - STD17NF03LT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD17NF03LT4 STMICROELECTRONICS-STD17NF03LT4 Datasheet
312Kb / 14P
   N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
logo
VBsemi Electronics Co.,...
STD17NF03LT4 VBSEMI-STD17NF03LT4 Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STD17NF03LT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
   N-channel 30V - 0.038廓 - 17A - DPAK STripFET??II Power MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET??POWER MOSFET
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
   N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
   N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
   N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
April 2004
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
   N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
   N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
   N-channel 30V - 0.005廓 - 80A - DPAK/IPAK STripFET??III Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
   N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET??II POWER MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com