전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP0610KL 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 TP0610KL
상세설명  P-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610KL 데이터시트(HTML) 2 Page - Vishay Siliconix

  TP0610KL Datasheet HTML 1Page - Vishay Siliconix TP0610KL Datasheet HTML 2Page - Vishay Siliconix TP0610KL Datasheet HTML 3Page - Vishay Siliconix TP0610KL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP0610KL/BS250KL
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72712
S-40244—Rev. A, 16-Feb-04
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −10 µA
−60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
−1
−2.1
−3.0
V
VDS = 0 V, VGS = "20 V
"10
mA
Gate Body Leakage
IGSS
VDS = 0 V, VGS = "10 V
"200
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "10 V, TJ = 85_C
"500
nA
VDS = 0 V, VGS = "5 V
"100
Zero Gate Voltage Drain Current
IDSS
VDS = −60 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −60 V, VGS = 0 V, TJ = 55_C
−10
mA
On State Drain Currenta
ID( )
VDS = −10 V, VGS = −4.5 V
−50
mA
On-State Drain Currenta
ID(on)
VDS = −10 V, VGS = −10 V
−600
mA
VGS = −4.5 V, ID = −25 mA
5.5
10
Drain-Source On-Resistancea
rDS(on)
VGS = −10 V, ID = −500 mA
3.1
6
W
DS(on)
VGS = −10 V, ID = −500 mA, TJ = 125_C
4.7
9
Forward Transconductancea
gfs
VDS = −10 V, ID = −100 mA
180
mS
Diode Forward Voltagea
VSD
IS = −200 mA, VGS = 0 V
−0.9
−1.4
V
Dynamicb
Total Gate Charge
Qg
1.7
3
Gate-Source Charge
Qgs
VDS = −30 V, VGS = −15 V, ID ^ −500 mA
0.26
nC
Gate-Drain Charge
Qgd
DS
GS
D
0.46
Gate Resistance
Rg
285
W
Turn On Time
td(on)
2.4
5
Turn-On Time
tr
VDD = −25 V, RL = 150 W
ID ^ −150 mA VGEN = −10 V
15.5
25
ns
Turn Off Time
td(off)
ID ^ −150 mA, VGEN = −10 V
Rg = 10 W
21
35
ns
Turn-Off Time
tf
Rg 10 W
12.5
20
Notes
a.
Pulse test: PW v300 ms duty cycle v2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
300
600
900
1200
02468
10
0.0
0.2
0.4
0.6
0.8
1.0
012345
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS = 10 V
5 V
4 V
VGS − Gate-to-Source Voltage (V)
TJ = −55_C
125_C
25_C
6 V
7 V
8 V
For the following graphs, p-channel negative polarities for all voltage and current values are represented as positive values.


유사한 부품 번호 - TP0610KL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K Datasheet
47Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. C, 16-Jul-01
TP0610K VISHAY-TP0610K Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
TP0610K VISHAY-TP0610K Datasheet
213Kb / 8P
   P-Channel 60 V (D-S) MOSFET
Rev. H, 05-Jul-10
TP0610K VISHAY-TP0610K Datasheet
180Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
TP0610K TECHPUBLIC-TP0610K Datasheet
2Mb / 5P
   1.7Q ,60V P-Channel MOSFET
More results

유사한 설명 - TP0610KL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com