전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM41DL32X4GT85IS 데이터시트(PDF) 59 Page - SPANSION

부품명 AM41DL32X4GT85IS
상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM41DL32X4GT85IS 데이터시트(HTML) 59 Page - SPANSION

Back Button AM41DL32X4GT85IS Datasheet HTML 55Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 56Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 57Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 58Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 59Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 60Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 61Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 62Page - SPANSION AM41DL32X4GT85IS Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
58
Am41DL32x4G
November 12, 2001
P R E L IMINARY
AC CHARACTERISTICS
SRAM Write Cycle
Notes:
1. WE# controlled, if CIOs is low, ignore UB#s and LB#s timing.
2. t
CW is measured from CE1#s going low to the end of write.
3. t
WR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high.
4. tAS is measured from the address valid to the beginning of write.
5. A write occurs during the overlap (tWP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when
asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A
write ends at the earliest transition when CE1#s goes high and WE# goes high. The t
WP is measured from the beginning of write
to the end of write.
Figure 30.
SRAM Write Cycle—WE# Control
Parameter
Symbol
Description
Speed Options
Unit
70
85
tWC
Write Cycle Time
Min
70
85
ns
t
Cw
Chip Enable to End of Write
Min
60
70
ns
tAS
Address Setup Time
Min
0
ns
t
AW
Address Valid to End of Write
Min
60
70
ns
tBW
UB#s, LB#s to End of Write
Min
60
70
ns
t
WP
Write Pulse Time
Min
50
60
ns
tWR
Write Recovery Time
Min
0
ns
t
WHZ
Write to Output High-Z
Min
0
0
ns
Max
20
25
t
DW
Data to Write Time Overlap
Min
30
35
ns
tDH
Data Hold from Write Time
Min
0
ns
t
OW
End Write to Output Low-Z
min
5
ns
Address
CS1#s
Data Undefined
UB#s, LB#s
WE#
Data In
Data Out
tWC
tCW
(See Note 2)
tAW
High-Z
High-Z
Data Valid
CS2s
tCW
(See Note 2)
tBW
tWP
(See Note 5)
tAS
(See Note 4)
tWR (See Note 3)
tBW
tDW
tDH
tOW


유사한 부품 번호 - AM41DL32X4GT85IS

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
More results

유사한 설명 - AM41DL32X4GT85IS

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com