전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25256 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 FM25256
상세설명  256Kb FRAM Serial 5V Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FM25256 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM25256 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25256 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FM25256
Rev. 2.0
Apr. 2005
Page 10 of 13
AC Parameters (TA = -40°C to + 85°C, VDD = 4.0V to 5.5V, CL = 30pF)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
25
MHz
tCH
Clock High Time
18
ns
1
tCL
Clock Low Time
18
ns
1
tCSU
Chip Select Setup
10
ns
tCSH
Chip Select Hold
10
ns
tOD
Output Disable Time
15
ns
2
tODV
Output Data Valid Time
15
ns
tOH
Output Hold Time
0
ns
tD
Deselect Time
60
ns
tR
Data In Rise Time
50
ns
1,3
tF
Data In Fall Time
50
ns
1,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/Hold Setup Time
10
ns
tHH
/Hold Hold Time
10
ns
tHZ
/Hold Low to Hi-Z
20
ns
2
tLZ
/Hold High to Data Active
15
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
This parameter is characterized but not 100% tested.
3.
Rise and fall times measured between 10% and 90% of waveform.
Power Cycle Timing (TA = -40° C to + 85° C, VDD = 4.0V to 5.5V)
Symbol
Parameter
Min
Max
Units
Notes
tPU
Power Up (VDD min) to First Access (/CS low)
10
-
ms
tPD
Last Access (/CS high) to Power Down (VDD min)
0
-
µs
tVR
VDD Rise Time
50
µs/V
1,2
tVF
VDD Fall Time
100
-
µs/V
1,2
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 5.0V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output capacitance (SO)
-
8
pF
1
CI
Input capacitance
-
6
pF
1
Notes
1.
This parameter is characterized and not 100% tested.
2.
Slope measured at any point on VDD waveform.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
5 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
30 pF


유사한 부품 번호 - FM25256

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
FM25256B-G RAMTRON-FM25256B-G Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
More results

유사한 설명 - FM25256

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com