전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB84VD23381FJ 데이터시트(HTML) 50 Page - Fujitsu Component Limited.

부품명 MB84VD23381FJ
상세내용  Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB84VD23381FJ 데이터시트(HTML) 50 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
/ 54 page
 50 / 54 page
background image
MB84VD23381FJ-80
49
s
s
s
s ERASE AND PROGRAMMING PERFORMANCE (Flash)
Note : Typical Erase conditions TA =
+25°C, VCCf_1 & VCCf_2 = 2.9V
Typical Program conditions TA =
+25°C, VCCf_1 & VCCf_2 = 2.9V
Data= Checker
s
s
s
s PIN CAPACITANCE
Note : Test conditions TA
= +25 °C, f = 1.0 MHz
s
s
s
s HANDLING OF PACKAGE
Please handle this package carefully since the sides of package create acute angles.
s
s
s
s CAUTION
• The high voltage (VID) cannot apply to address pins and control pins except RESET. Exception is when
autoselect and sector group protect function are used, then the high voltage (VID) can be applied to RESET.
• Without the high voltage (VID) , sector group protection can be achieved by using “Extended Sector Group
Protection” command.
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector Erase Time
0.5
2
s
Excludes programming time
prior to erasure
Word Programming Time
6
100
µs
Excludes system-level
overhead
Chip Programming Time
25.2
95
s
Excludes system-level
overhead
Erase/Program Cycle
100,000
cycle
Parameter
Symbol
Test Setup
Value
Unit
Typ
Max
Input Capacitance
CIN
VIN = 0
11
14
pF
Output Capacitance
COUT
VOUT = 0
12
16
pF
Control Pin Capacitance
CIN2
VIN = 0
14
16
pF
WP/ACC Pin Capacitance
CIN3
VIN = 0
21.5
26
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn