전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB84VD23381FJ 데이터시트(HTML) 19 Page - Fujitsu Component Limited.

부품명 MB84VD23381FJ
상세내용  Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD23381FJ 데이터시트(HTML) 19 Page - Fujitsu Component Limited.

Back Button MB84VD23381FJ 데이터시트 HTML 15Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 16Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 17Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 18Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 19Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 20Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 21Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 22Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 23Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
MB84VD23381FJ-80
18
Flash Memory Autoselect Codes
Legend: L = VIL, H = VIH. See DC Characteristics for voltage levels.
*1 : Outputs 01h at protected sector group addresses and outputs 00h at unprotected sector group addresses.
*2 : A read cycle at address (BA) 01h outputs device code. When 227Eh was output, this indicates that there will
require two additional codes, called Extended Device Codes. Therefore the system may continue reading out
these Extended Device Codes at the address of (BA) 0Eh, as well as at (BA) 0Fh.
Type
A21 to A12
A6
A3
A2
A1
A0
Code (HEX)
Manufacture’s Code
BA
L
L
L
L
L
04h
Device Code
BA
L
L
L
L
H
227Eh
Extended Device
Code *2
BA
L
H
H
H
L
2202h
BA
L
H
H
H
H
2201h
Sector Group
Protection
Sector Group
Addresses
LLL
H
L
01h*1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn