전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB84VD23381FJ 데이터시트(HTML) 20 Page - Fujitsu Component Limited.

부품명 MB84VD23381FJ
상세내용  Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD23381FJ 데이터시트(HTML) 20 Page - Fujitsu Component Limited.

Back Button MB84VD23381FJ 데이터시트 HTML 16Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 17Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 18Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 19Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 20Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 21Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 22Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 23Page - Fujitsu Component Limited. MB84VD23381FJ 데이터시트 HTML 24Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
MB84VD23381FJ-80
19
Flash Memory Command Definitions
(Continued)
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Read/Reset
1
XXXh
F0h
—————————
Read/Reset
3
555h
AAh
2AAh
55h
555h
F0h
RA
RD
Autoselect
3
555h
AAh
2AAh
55h
(BA)
555h
90h
——————
Program
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
Program
Suspend
1
BA
B0h
——————————
Program
Resume
1
BA
30h
——————————
Chip Erase
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
Sector
Erase
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
SA
30h
Erase
Suspend
1
BA
B0h
——————————
Erase
Resume
1
BA
30h
——————————
Extended
Sector
Group
Protection *2
4
XXXh
60h
SPA
60h
SPA
40h
SPA
SD
Set to
Fast Mode
3
555h
AAh
2AAh
55h
555h
20h
——————
Fast
Program *1
2
XXXh
A0h
PA
PD
———————
Reset from
Fast Mode *1
2
BA
90h
XXXh
*4
F0h
————————
Query
1
(BA)
55h
98h
——————————
HiddenROM
Entry
3
555h
AAh
2AAh
55h
555h
88h
——————
HiddenROM
Program *3
4
555h
AAh
2AAh
55h
555h
A0h
(HRA)
PA
PD
————
HiddenROM
Exit *3
4
555h
AAh
2AAh
55h
(HRBA)
555h
90h
XXXh
00h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn